Electronic Components Datasheet Search
  English  ▼

X  

MIC5375 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5375 Datasheet HTML 1Page - Micrel Semiconductor MIC5375 Datasheet HTML 2Page - Micrel Semiconductor MIC5375 Datasheet HTML 3Page - Micrel Semiconductor MIC5375 Datasheet HTML 4Page - Micrel Semiconductor MIC5375 Datasheet HTML 5Page - Micrel Semiconductor MIC5375 Datasheet HTML 6Page - Micrel Semiconductor MIC5375 Datasheet HTML 7Page - Micrel Semiconductor MIC5375 Datasheet HTML 8Page - Micrel Semiconductor MIC5375 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC5375/6/7/8
High Performance Low Dropout 150mA LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2009
M9999-011309-B
General Description
The MIC5375/6/7/8 is an advanced general purpose linear
regulator offering low dropout in an ultra small package.
The MIC5375/6 provides fixed output voltage in a 1mm x
1mm Thin MLF
® package while the MIC5377/8 provides
adjustable output voltage in a 1.2mm x 1.2mm Thin MLF
®
package. When the MIC5376/8 is disabled an internal
resistive load is automatically applied to the output to
discharge the output capacitor. The MIC5375/6/7/8 is
capable of sourcing 150mA output current with low dropout
making it an ideal solution for any portable electronic
application.
Ideal for battery powered applications, the MIC5375/6/7/8
offers 2% initial accuracy, low dropout voltage (120mV at
150mA), and ground current (typically 29µA). The
MIC5375/6/7/8 can also be put into a zero-off-mode
current state, drawing virtually no current when disabled.
The MIC5375/6 is available in lead-free (RoHS compliant)
1mm x 1mm Thin MLF
® and SC-70-5. The MIC5377/8 is
available in lead-free (RoHS compliant) 1.2mm x 1.2mm
Thin MLF
® and SC-70-5.
The MIC5375/6/7/8 has an operating junction temperature
range of –40°C to 125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 4-pin 1mm x 1mm Thin MLF® package– MIC5375/6
• 8-pin 1.2mm x 1.2mm Thin MLF® package– MIC5377/8
• Low cost 5-Pin SC-70 package
• Low dropout voltage – 120mV at 150mA
• Input voltage range: 2.5V to 5.5V
• 150mA guaranteed output current
• Stable with 0402 ceramic capacitors as low as 1µF
• Low quiescent current – 29µA
• Excellent load/line transient response
• Fixed output voltages – MIC5375/6
• Adjustable output – MIC5377/8
• Output discharge circuit – MIC5376/8
• High output accuracy
–
±2% initial accuracy
• Thermal shutdown and current limit protection
Applications
• Mobile phones
• Digital cameras
• GPS, PDAs, PMP, handhelds
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
VIN
VOUT
VBAT
GND
MIC5375/6-xxYMT
EN
1µF
1µF
VOUT = 2.8V
Typical Application


Similar Part No. - MIC5375

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.2/1.0YMT MICREL-MIC5370-1.2/1.0YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.8/1.2YMT MICREL-MIC5370-1.8/1.2YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.2YMT MICREL-MIC5370-2.8/1.2YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.5YMT MICREL-MIC5370-2.8/1.5YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
More results

Similar Description - MIC5375

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com