Electronic Components Datasheet Search
  English  ▼

X  

MIC5375 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5375 Datasheet HTML 1Page - Micrel Semiconductor MIC5375 Datasheet HTML 2Page - Micrel Semiconductor MIC5375 Datasheet HTML 3Page - Micrel Semiconductor MIC5375 Datasheet HTML 4Page - Micrel Semiconductor MIC5375 Datasheet HTML 5Page - Micrel Semiconductor MIC5375 Datasheet HTML 6Page - Micrel Semiconductor MIC5375 Datasheet HTML 7Page - Micrel Semiconductor MIC5375 Datasheet HTML 8Page - Micrel Semiconductor MIC5375 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
4
M9999-011309-B
Pin Configuration
EN GND
NC
VOUT
VIN
3
1
5
2
4
4-Pin 1mm x 1mm Thin MLF
® (MT)
MIC5375/6 Fixed Output
(Top View)
5-Pin SC-70 (C5)
MIC5375/6 Fixed Output
8
1
2
3
4
7
6
5
EN
VIN
VOUT
GND
GND
ADJ
EN GND
ADJ
VOUT
VIN
3
1
5
2
4
8-Pin 1.2mm x 1.2mm Thin MLF
® (MT)
MIC5377/8 Adjustable Output
(Bottom View)
5-Pin SC-70 (C5)
MIC5377/8 Adjustable Output
Pin Description
Pin No.
MIC5375/6
TMLF 1x1
Pin No.
MIC5375/6
SC-70-5
Pin No.
MIC5377/8
TMLF 1.2x1.2
Pin No.
MIC5377/8
SC-70-5
Pin Name
Pin Function
3
3
1
3
EN
Enable Input. Active High. High = on, low = off. Do not
leave floating.
4
1
2
1
VIN
Supply Input.
1
5
3
5
VOUT
Output Voltage.
2
2
4,5,6,8
2
GND
Ground.
–
–
7
4
ADJ
Adjust Pin: Feedback input from external divider.
–
4
–
–
NC
No connection.
HS Pad
–
–
EPAD
Exposed Heatsink Pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com