Electronic Components Datasheet Search
  English  ▼

X  

MIC22200 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22200
Description  2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22200 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22200 Datasheet HTML 1Page - Micrel Semiconductor MIC22200 Datasheet HTML 2Page - Micrel Semiconductor MIC22200 Datasheet HTML 3Page - Micrel Semiconductor MIC22200 Datasheet HTML 4Page - Micrel Semiconductor MIC22200 Datasheet HTML 5Page - Micrel Semiconductor MIC22200 Datasheet HTML 6Page - Micrel Semiconductor MIC22200 Datasheet HTML 7Page - Micrel Semiconductor MIC22200 Datasheet HTML 8Page - Micrel Semiconductor MIC22200 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MIC22200
2A Integrated Switch Synchronous
Buck Regulator with Frequency
Programmable from 800kHz to 4MHz
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC22200 is a high-efficiency, 2A integrated
switch synchronous buck (step-down) regulator. The
MIC22200 switching frequency is programmable from
800kHz to 4MHz, allowing the customer to optimize their
designs either for efficiency or for the smallest footprint.
The regulator achieves efficiencies as high as 95% while
still switching at 1MHz over a broad load range.
The ultra high-speed control loops keep the output voltage
within regulation even under the extreme transient load
swings commonly found in FPGAs and low-voltage ASICs.
The output voltage can be adjusted down to 0.7V to
address all low-voltage power needs.
The MIC22200 offers a full range of sequencing and
tracking options. The EN/DLY pin, combined with the
Power-On-Reset (POR) pin, allows multiple outputs to be
sequenced in many ways during turn on and turn off. The
RC (ramp control) pin allows the device to be connected to
another device in the MIC22X00 family of products to keep
the output voltages within a certain delta V on start up.
The MIC22200 is available in a 3mm × 3mm 12-pin MLF
®
package with a junction operating range from –40
°C to
+125
°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• Adjustable output voltage option down to 0.7V
• Output load current to 2A
• Full sequencing and tracking capability
• Easy RC compensation
• Power-On-Reset (POR) output
• Efficiency >90% across a broad load range
• Operating frequency: Programmable from 800 kHz up to
4MHz
• Ultra-fast transient response
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal-shutdown and current-limit protection
• Available in Pb-free 3mm × 3mm MLF-12-pin MLF®
Package
• –40°C to +125°C junction temperature range
Applications
• High power density point-of-load conversion
• Servers/routers
• DVD recorders and multimedia players
• Computing peripherals
• Base stations
• FPGAs, DSP and low voltage ASIC devices
_________________________________________________________________________________________________________________________
Typical Application
December 2010
M9999-120310-C


Similar Part No. - MIC22200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22205 MICREL-MIC22205 Datasheet
1Mb / 29P
2A, Integrated, Switch, High-Efficiency
MIC22205YML MICREL-MIC22205YML Datasheet
1Mb / 29P
2A, Integrated, Switch, High-Efficiency
More results

Similar Description - MIC22200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Micrel Semiconductor
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Micrel Semiconductor
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com