Electronic Components Datasheet Search
  English  ▼

X  

MIC22200 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC22200
Description  2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22200 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC22200 Datasheet HTML 1Page - Micrel Semiconductor MIC22200 Datasheet HTML 2Page - Micrel Semiconductor MIC22200 Datasheet HTML 3Page - Micrel Semiconductor MIC22200 Datasheet HTML 4Page - Micrel Semiconductor MIC22200 Datasheet HTML 5Page - Micrel Semiconductor MIC22200 Datasheet HTML 6Page - Micrel Semiconductor MIC22200 Datasheet HTML 7Page - Micrel Semiconductor MIC22200 Datasheet HTML 8Page - Micrel Semiconductor MIC22200 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Micrel, Inc.
MIC22200
December 2010
4
M9999-120310-C
Electrical Characteristics
(4) (Continued)
TA = 25°C with VIN = VEN = 3.3V, unless otherwise specified. Bold values indicate −40°C ≤ TJ ≤ +125°C
Parameter
Condition
Min.
Typ.
Max.
Units
Threshold, % of VOUT below nominal
7.5
10
12.5
%
POR VPG
Hysteresis
1
%
Over-Temperature Shutdown
160
°C
Over-Temperature Shutdown
Hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com