Electronic Components Datasheet Search
  English  ▼

X  

MIC22200 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC22200
Description  2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22200 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC22200 Datasheet HTML 1Page - Micrel Semiconductor MIC22200 Datasheet HTML 2Page - Micrel Semiconductor MIC22200 Datasheet HTML 3Page - Micrel Semiconductor MIC22200 Datasheet HTML 4Page - Micrel Semiconductor MIC22200 Datasheet HTML 5Page - Micrel Semiconductor MIC22200 Datasheet HTML 6Page - Micrel Semiconductor MIC22200 Datasheet HTML 7Page - Micrel Semiconductor MIC22200 Datasheet HTML 8Page - Micrel Semiconductor MIC22200 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC22200
December 2010
3
M9999-120310-C
Absolute Maximum Ratings
(1)
Supply Voltage (PVIN, SVIN ) ............................................+6V
Output Switch (SW)..........................................................6V
Logic Voltage (EN/DLY, POR, DELAY) ............VIN to -0.3V
Control Voltage (CF, RC, COMP, FB) ..............VIN to -0.3V
Lead Temperature (soldering 10s)............................. 260°C
Storage Temperature Range (Ts).............
−65°C to +150°C
EDS Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.6V to +5.5V
Junction Temperature Range (TJ).......−40°C ≤ TJ ≤ +125°C
Thermal Resistance
3mm × 3mm MLF-12L (θJA)...............................40°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN = 3.3V, unless otherwise specified. Bold values indicate −40°C ≤ TJ ≤ +125°C
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage Range
2.6
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.4
2.5
2.6
V
UVLO Hysteresis
280
mV
Quiescent Current, PWM mode
VEN ≥ 1.34V; VFB = 0.9V
1.2
2
mA
Shutdown Current
VEN = 0V
3.7
10
µA
Feedback Voltage
± 2% (over temperature)
0.686
0.7
0.714
V
Oscillator Frequency
0.8
1
1.2
MHz
FB Pin Input Current
1
nA
Current Limit
VFB = 0.9*VNOM
2
5.5
8
A
Output Voltage Line Regulation
VIN = 2.6V to 5.5V
0.2
%
Output Voltage Load Regulation
100mA < ILOAD < 2A, VIN = 3.3V
0.2
%
Maximum Duty Cycle
VFB
≤ 0.5V
100
%
Switch ON-Resistance PFET
Switch ON-Resistance NFET
ISW = 1000mA VFB=0.5V
ISW = -1000mA VFB=0.9V
0.18
0.10
Ω
EN/DLY Threshold Voltage
VIN=3.3V
1.14
1.24
1.34
V
EN/DLY Hysteresis
12
mV
DELAY Threshold Voltage
VIN=3.3V
1.14
1.24
1.34
V
DELAY Hysteresis
6
mV
EN/DLY Source Current
VIN = 2.6 to VIN = 5.5V
0.7
1
1.3
µA
RC Source Current
Ramp Control Current
0.7
1
1.3
µA
POR IPG(LEAK)
VPORH = 5.5V; POR = High
1
2
µA
POR VPG(LO)
Output Logic-Low Voltage
(undervoltage condition), IPOR = 5mA
135
mV
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com