Electronic Components Datasheet Search
  English  ▼

X  

MIC22200 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22200
Description  2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22200 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22200 Datasheet HTML 1Page - Micrel Semiconductor MIC22200 Datasheet HTML 2Page - Micrel Semiconductor MIC22200 Datasheet HTML 3Page - Micrel Semiconductor MIC22200 Datasheet HTML 4Page - Micrel Semiconductor MIC22200 Datasheet HTML 5Page - Micrel Semiconductor MIC22200 Datasheet HTML 6Page - Micrel Semiconductor MIC22200 Datasheet HTML 7Page - Micrel Semiconductor MIC22200 Datasheet HTML 8Page - Micrel Semiconductor MIC22200 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Micrel, Inc.
MIC22200
December 2010
2
M9999-120310-C
Ordering Information
Part Number
Nominal Output Voltage
Junction Temperature Range
(1)
Package
Lead Finish
MIC22200YML
Adjustable
−40°C to +125°C
3mm × 3mm 12-Pin MLF
®
Lead Free
(1)
Note
:
MLF
® is a green RoHS-compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
12-Pin MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
POR
Power-On-Reset (output): Open drain output device indicates when the output is out of regulation
and is active after the delay set by the DELAY pin.
2
RC
Ramp Control. Capacitor to GND from this pin determines the slew rate of output voltage during
start-up. This can be used for tracking capability as well as for soft start.
3
CF
External capacitor to adjust switching frequency.
4
SGND
Signal Ground (signal): Ground (GND)
5
COMP
Compensation Pin (input): Placing an RC to GND will compensate the device. See Applications
section.
6
FB
Feedback (input): Input to the error amplifier; connected to the external resistor divider network to
set the output voltage.
7
SVIN
Signal Power Supply Voltage (input): Requires bypass capacitor to GND.
8
PVIN
Power Supply Voltage (input): Requires bypass capacitor to GND.
9
SW
Switch (output): From internal power MOSFET output switches.
10
PGND
Power Ground (power): Ground (GND)
11
DELAY
Delay (input)
12
EN/DLY
Enable (Input): When this pin is pulled higher than the enable threshold, the part will start up.
Below this voltage the device is in its low quiescent current mode. The pin has a 1µA current
source charging it to VIN. By adding a capacitor to this pin a delay may easily be generated. The
enable function will not operate with an input voltage lower than the min specified.
ePad
GND
Exposed Pad (Power): You must make a full connection to a GND plane for full output power to be
released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com