Electronic Components Datasheet Search
  English  ▼

X  

MIC37150 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37150
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37150 Datasheet HTML 1Page - Micrel Semiconductor MIC37150 Datasheet HTML 2Page - Micrel Semiconductor MIC37150 Datasheet HTML 3Page - Micrel Semiconductor MIC37150 Datasheet HTML 4Page - Micrel Semiconductor MIC37150 Datasheet HTML 5Page - Micrel Semiconductor MIC37150 Datasheet HTML 6Page - Micrel Semiconductor MIC37150 Datasheet HTML 7Page - Micrel Semiconductor MIC37150 Datasheet HTML 8Page - Micrel Semiconductor MIC37150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC37150/51/52/53
1.5A, Low Voltage µCap LDO Regulator
Super ßeta PNP is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2007
M9999-101907
General Description
The Micrel MIC37150/51/52/53 is a 1.5A low-dropout
linear voltage regulator that provides a low voltage, high
current output with a minimum of external components. It
offers high precision, ultra-low dropout (500mV over
temperature), and low ground current.
The MIC37150/51/52/53 operates from an input of 2.25V
to 6.0V. It is designed to drive digital circuits requiring low
voltage at high currents (i.e., PLDs, DSPs, micro-
controllers, etc.). It is available in fixed and adjustable
output voltages. Fixed voltages include 1.5V, 1.65V, 1.8V,
2.5V and 3.3V. The adjustable version is capable of
supplying output voltages from 1.24V to 5.5V.
Features of the MIC37150/51/52/53 LDO include thermal
and current limit protection, and reverse current and
reverse battery protection. Logic enable and error flag pins
are available.
Junction temperature range of the MIC37150/51/52/53 is
from –40°C to +125°C.
For applications requiring input voltage greater than 6.0V,
see MIC3910x, MIC3915x, MIC3930x, and MIC3950x
LDOs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 1.5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
–
Ideal for 3.0V to 2.5V conversion
–
Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
• Wide input voltage range
–
VIN: 2.25V to 6.0V
• ±1.0% initial output tolerance
• Fixed and adjustable output voltages
–
MIC37150—3-pin fixed voltages
–
MIC37151—5-pin S-Pak or 8-pin e-Pad SOIC
fixed voltages with flag
–
MIC37152—5-pin adjustable voltage
–
MIC37153—8-pin adjustable voltage with flag
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• Low profile 3 or 5-pin S-Pak packages or 8-pin e-Pad
SOIC
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Typical Application
VOUT
VIN
FLG
GND
VEN
COUT
47µF, Ceramic
100k
MIC37151
VIN = 3.0V
VOUT = 2.5V
CIN
VOUT
VIN
ADJ
GND
VEN
COUT
47µF, Ceramic
R1
R2
1.3V
MIC37152
VIN
CIN
Fixed 2.5V Regulator with Error Flag
Adjustable Regulator


Similar Part No. - MIC37150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC37150-1.5BR MICREL-MIC37150-1.5BR Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC37150-1.65BR MICREL-MIC37150-1.65BR Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC37150-1.8BR MICREL-MIC37150-1.8BR Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC37150-2.5BR MICREL-MIC37150-2.5BR Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com