Electronic Components Datasheet Search
  English  ▼

X  

MIC37150 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC37150
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC37150 Datasheet HTML 1Page - Micrel Semiconductor MIC37150 Datasheet HTML 2Page - Micrel Semiconductor MIC37150 Datasheet HTML 3Page - Micrel Semiconductor MIC37150 Datasheet HTML 4Page - Micrel Semiconductor MIC37150 Datasheet HTML 5Page - Micrel Semiconductor MIC37150 Datasheet HTML 6Page - Micrel Semiconductor MIC37150 Datasheet HTML 7Page - Micrel Semiconductor MIC37150 Datasheet HTML 8Page - Micrel Semiconductor MIC37150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
3
M9999-101907
Pin Configuration
3 VOUT
2 GND
1 VIN
5 FLG/ADJ
4 VOUT
3 GND
2 VIN
1EN
S-PAK-3 (R)
S-PAK-5 (R)
1
EN
VIN
VOUT
ADJ
8 GND
GND
GND
GND
7
6
5
2
3
4
1
GND
EN
VIN
NC
8 FLG
VOUT/ADJ
VOUT
NC
7
6
5
2
3
4
SOIC-8 (M)
e-Pad SOIC-8 (ME)
Pin Description
Pin Number
S-PAK-3
Pin Number
S-PAK-5
Pin Number
SOIC-8
Pin Number
e-Pad SOIC-8
Pin Name
Pin Name
–
1
1
2
EN
Enable (Input): CMOS compatible input.
Logic high = enable, logic low = shutdown.
1
2
2
3
VIN
Input voltage which supplies current to the output
power device.
2
3
5, 6, 7, 8
1
GND
Ground (TAB is connected to ground on S-Pak)
6, 7 (Fixed)
3
4
3
6 (Adj)
VOUT
Regulator Output
–
8
FLG
Error Flag (Output): Open collector output.
Active low indicates an output fault condition.
–
5
4
7
ADJ
Adjustable regulator feedback input.
Connect to resistor voltage divider.
–
–
–
4, 5
NC
Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com