Electronic Components Datasheet Search
  English  ▼

X  

MIC37150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37150
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37150 Datasheet HTML 1Page - Micrel Semiconductor MIC37150 Datasheet HTML 2Page - Micrel Semiconductor MIC37150 Datasheet HTML 3Page - Micrel Semiconductor MIC37150 Datasheet HTML 4Page - Micrel Semiconductor MIC37150 Datasheet HTML 5Page - Micrel Semiconductor MIC37150 Datasheet HTML 6Page - Micrel Semiconductor MIC37150 Datasheet HTML 7Page - Micrel Semiconductor MIC37150 Datasheet HTML 8Page - Micrel Semiconductor MIC37150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
2
M9999-101907
Ordering Information
Part Number
Standard
RoHS Compliant* /
Pb-free
Output
Current
Voltage
Junction Temp. Range
Package
MIC37150-1.5BR
MIC37150-1.5WR*
1.5A
1.5V
–40° to +125°C
S-PAK-3
MIC37150-1.65BR
MIC37150-1.65WR*
1.5A
1.65V
–40° to +125°C
S-PAK-3
MIC37150-1.8BR
MIC37150-1.8WR*
1.5A
1.8V
–40° to +125°C
S-PAK-3
MIC37150-2.5BR
MIC37150-2.5WR*
1.5A
2.5V
–40° to +125°C
S-PAK-3
MIC37150-3.3BR
MIC37150-3.3WR*
1.5A
3.3V
–40° to +125°C
S-PAK-3
MIC37151-1.5BR
MIC37151-1.5WR*
1.5A
1.5V
–40° to +125°C
S-PAK-5
MIC37151-1.5YME*
1.5A
1.5V
–40° to +125°C
e-Pad SOIC-8
MIC37151-1.65BR
MIC37151-1.65WR*
1.5A
1.65V
–40° to +125°C
S-PAK-5
MIC37151-1.8YME*
1.5A
1.8V
–40° to +125°C
e- Pad SOIC-8
MIC37151-1.8BR
MIC37151-1.8WR*
1.5A
1.8V
–40° to +125°C
S-PAK-5
MIC37151-2.5YME**
1.5A
2.5V
–40° to +125°C
e-Pad SOIC-8
MIC37151-2.5BR
MIC37151-2.5WR*
1.5A
2.5V
–40° to +125°C
S-PAK-5
MIC37151-3.3BR
MIC37151-3.3WR*
1.5A
3.3V
–40° to +125°C
S-PAK-5
MIC37152BR
MIC37152WR*
1.5A
ADJ
–40° to +125°C
S-PAK-5
MIC37152YM
1.5A
ADJ
–40° to +125°C
SOIC-8
MIC37153YME**
1.5A
ADJ
–40° to +125°C
e-Pad SOIC-8
* RoHS compliant with ‘high-melting solder’ exemption.
** Contact factory for availablity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com