Electronic Components Datasheet Search
  English  ▼

X  

MIC37150 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC37150
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC37150 Datasheet HTML 1Page - Micrel Semiconductor MIC37150 Datasheet HTML 2Page - Micrel Semiconductor MIC37150 Datasheet HTML 3Page - Micrel Semiconductor MIC37150 Datasheet HTML 4Page - Micrel Semiconductor MIC37150 Datasheet HTML 5Page - Micrel Semiconductor MIC37150 Datasheet HTML 6Page - Micrel Semiconductor MIC37150 Datasheet HTML 7Page - Micrel Semiconductor MIC37150 Datasheet HTML 8Page - Micrel Semiconductor MIC37150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
4
M9999-101907
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)......................................................6.5V
Enable Input Voltage (VEN)............................................6.5V
Power Dissipation .....................................Internally Limited
Junction Temperature .........................–40°C ≤ TJ ≤ +125°C
Storage Temperature (Ts) ...................–65°C ≤ TJ ≤ +150°C
Lead Temperature (soldering, 5sec.)......................... 260°C
EDS Rating................................................................ Note 3
Operating Ratings
(2)
Supply voltage (VIN) ....................................... 2.25V to 6.0V
Enable Input Voltage (VEN).................................. 0V to 6.0V
Junction Temperature Range .............–40°C ≤ TJ ≤ +125°C
Maximum Power Dissipation..................................... Note 4
Package Thermal Resistance
S-Pak (θJC) ..........................................................2°C/W
Power SOIC-8 (θJA) ...........................................63°C/W
e-Pad SOIC-8 (θJC)............................................10°C/W
Electrical Characteristics
(5)
TA = 25°C with VIN = VOUT + 1V; VEN = VIN; bold values indicate –40°C < TJ < +125°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
IL = 10mA
–1
+1
%
Output Voltage Accuracy
10mA < IOUT < IL(max), VOUT + 1 ≤ VIN ≤ 6V
–2
+2
%
Output Voltage Line Regulation
VIN = VOUT +1.0V to 6.0V
0.06
0.5
%
Output Voltage Load Regulation
IL = 10mA to 1.5A
0.2
1
%
IL = 750mA
350
mV
VIN – VOUT; Dropout Voltage,
Note 6
IL = 1.5A
500
mV
Ground Pin Current, Note 7
IL = 1.5A
17
30
mA
Ground Pin Current in Shutdown
VIL ≤ 0.5V, VIN = VOUT + 1V
1.0
µA
Current Limit
VOUT = 0
2.25
4.0
A
Start-up Time
VEN = VIN, IOUT = 10mA, COUT = 22µF
170
500
µs
Enable Input
Regulator enable
2.25
V
Enable Input Threshold
Regulator shutdown
0.8
V
VIL ≤ 0.8V (regulator shutdown)
2
4
µA
µA
Enable Pin Input Current
VIH ≥ 2.25V (regulator enabled)
1
15
30
75
µA
µA
Flag Output
IFLG(LEAK)
VOH = 6V
1
2
µA
µA
VFLG(LO)
VIN = 2.25V, IOL = 250µA, Note 8
210
300
400
mV
mV
Low threshold, % of VOUT below nominal
93
%
Hysteresis
2
%
VFLG
High threshold, % of VOUT below nominal
99.2
%
1.228
1.240
1.252
V
Reference Voltage
Note 9
1.215
1.265
V
Reference Voltage Temp.
Coefficient
Note 10
20
ppm/°C
Adjust Pin Bias Current
40
80
120
nA
nA
Adjust Pin Bias Current Temp.
Coefficient
0.1
nA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com