Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low Voltage 關Cap LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor MIC37501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
5
M9999-020507
Typical Characteristics
0
50
100
150
200
250
300
350
400
450
0123
45
OUTPUT CURRENT (A)
Dropout
vs. Output Current
2.5V
OUT
250
300
350
400
450
500
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout
vs. Temperature
2.5V
OUT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.5
1.7
1.9
2.1
2.3
2.5
INPUT VOLTAGE (V)
Dropout Characteristics
(1.5V)
10mA load
5A load
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1.5 1.7 1.9 2.1 2.3 2.5 2.7
INPUT VOLTAGE (V)
Dropout Characteristics
(1.8V)
5A load
10mA load
0
0.5
1.0
1.5
2.0
2.5
3.0
1.5
2.0
2.5
3.0
3.5
INPUT VOLTAGE (V)
Dropout Characteristics
(2.5V)
5A load
10mA load
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT VOLTAGE (V)
Dropout Characteristics
(3.3V)
10mA load
5A load
0
5
10
15
20
25
30
35
40
45
50
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
OUTPUT CURRENT (A)
Ground Current
vs. Output Current
2.5V
OUT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
123
45
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.5V)
10mA
100mA
0
10
20
30
40
50
60
70
80
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.5V)
2.5A
5A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
123
45
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.8V)
10mA
100mA
0
10
20
30
40
50
60
70
80
90
01
23
4
5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.8V)
2.5A
5A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
23
4
5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (2.5V)
10mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com