Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low Voltage 關Cap LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor MIC37501 Datasheet HTML 9Page - Micrel Semiconductor MIC37501 Datasheet HTML 10Page - Micrel Semiconductor MIC37501 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
9
M9999-020507
that is required. Larger values help to improve
performance even further.
Enable Input
The MIC37501/02 also features an enable input for
on/off control of the device. Its shutdown state draws
“zero” current (only microamperes of leakage). The
enable input is TTL/CMOS-compatible for simple logic
interface, but can be connected up to VIN. When
enabled, it draws approximately 15µA.
By virtue of its low dropout voltage, this device does
not saturate into dropout as readily as similar NPN-
based designs. When converting from 3.3V to 2.5V,
2.5V to 1.8V or 1.65V, or 2.5V to 1.5V, the NPN-
based regulators are already operating in dropout,
with typical dropout requirements of 1.2V or greater.
To convert down to 2.5V without operating in dropout,
NPN-based regulators require an input voltage of at
least 3.7V. The MIC37501/02 regulator will provide
excellent performance with an input as low as 3.0V or
2.25V, respectively. This gives the PNP-based
regulators a distinct advantage over older, NPN-based
linear regulators.
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC37502
ENABLE
SHUTDOWN
V
1.240V 1
R1
R2
OUT =+
⎛
⎝⎜
⎞
⎠⎟
Minimum Load Current
The MIC37501/02 regulator is specified between finite
loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A
10mA minimum load current is necessary for proper
operation.
Figure 2. Adjustable Regulator with Resistors
Error Flag
The MIC37502 allows programming the output voltage
anywhere between 1.24V and the 5.5V maximum
operating rating of the family. Two resistors are used.
Resistors can be quite large, up to 1MΩ, because of
the very high input impedance and low bias current of
the sense comparator.
The MIC37501 features an error flag circuit that
monitors the output voltage and signals an error
condition when the voltage drops 5% below the
nominal output voltage. The error flag is an open-
collector output that can sink 10mA during a fault
condition.
The resistor values are calculated by:
Low output voltage can be caused by a number of
problems, including an overcurrent fault (device in
current limit) or low input voltage. The flag is
inoperative during overtemperature shutdown.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
1.240
V
R2
R1
OUT
Where VOUT is the desired output voltage. Figure 2
shows component definition. Applications with widely
varying load currents may scale the resistors to draw
the minimum load current required for proper
operation (see above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com