Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low Voltage 關Cap LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor MIC37501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
2
M9999-020507
Ordering Information
Part Number
Standard
RoHS Compliant
(1)
Output
Current
Voltage
(2)
Junction Temp. Range
Package
MIC37501-1.5BR
MIC37501-1.5WR
5A
1.5V
–40°C to +125°C
S-Pak-7
MIC37501-1.65BR
MIC37501-1.65WR
5A
1.65V
–40°C to +125°C
S-Pak-7
MIC37501-1.8BR
MIC37501-1.8WR
5A
1.8V
–40°C to +125°C
S-Pak-7
MIC37501-2.5BR
MIC37501-2.5WR
5A
2.5V
–40°C to +125°C
S-Pak-7
MIC37501-3.3BR
MIC37501-3.3WR
5A
3.3V
–40°C to +125°C
S-Pak-7
MIC37502BR
MIC37502WR
5A
Adj.
–40°C to +125°C
S-Pak-7
MIC37502BU
MIC37502WU
5A
Adj.
–40°C to +125°C
To-263-5
Note:
1.
RoHS compliant with “high-melting solder” exemption.
2.
Other Voltage available. Contact Micrel for detail.
Pin Configuration
5 ADJ
4 VOUT
3 GND
2 VIN
1EN
TO-263-5
7 FLG/ADJ
6 VOUT
5 VOUT
4 GND
3 VIN
2 VIN
1EN
S-PAK-7
Pin Description
Pin Number
TO-263-5
Pin Number
S-PAK-7
Pin Name
Pin Name
1
1
EN
Enable (input): CMOS-compatible input. Logic high = enable, logic
low = shutdown.
2
2, 3
VIN
Input voltage which supplies current to the output power device.
Connect pins 2 and 3 together externally.
3
4
GND
Ground (TAB is connected to ground on S-Pak).
4
5, 6
VOUT
Regulator Output: Connect pins 5 and 6 together externally.
—
7
FLG
Error Flag (output): Open collector output. Active low indicates an
output fault condition.
5
7
ADJ
Adjustable regulator feedback input. Connect to resistor voltage
divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com