Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low Voltage 關Cap LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor MIC37501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
4
M9999-020507
Notes
:
1. Exceeding the ratings in the “Absolute Maximum Ratings” section may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. PD(max) = (TJ(max) – TA) / θJC, where θJC depends upon the printed circuit layout. See “Applications Information” section.
5. Specification for packaged product only
6. VDO = VIN – VOUT when VOUT decreased to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 1.75V,
dropout voltage specification does not apply dut to a minimum input operating voltage of 2.3V.
7. IGND is the quiescent current. IIN = IGND + IOUT.
8. For a 2.5V device, VIN = 2.3V (device is in dropout).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com