Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC39500
Description  5A 關Cap Low-Voltage Low-Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor MIC39500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 2005
1
M9999-082605-B
MIC39500/39501
MIC39500/39501
5A µCap Low-Voltage Low-Dropout Regulator
General Description
The MIC39500 and MIC39501 are 5A low-dropout linear
voltage regulators that provide a low-voltage, high-current
output with a minimum of external components. Utilizing
Micrel’s proprietary Super βeta PNP™ pass element, the
MIC39500/1 offers extremely low dropout (typically 400mV
at 5A) and low ground current (typically 70mA at 5A).
The MIC39500/1 is ideal for PC Add-In cards that need to
convert from standard 2.5V or 3.3V, down to new, lower
core voltages. A guaranteed maximum dropout voltage of
500mV over all operating conditions allows the MIC39500/1
to provide 2.5V from a supply as low as 3V or 1.8V from
2.5V. The MIC39500/1 also has fast transient response, for
heavy switching applications. The device requires only 47µF
of output capacitance to maintain stability and achieve fast
transient response
The MIC39500/1 is fully protected with overcurrent limiting,
thermal shutdown, reversed-battery protection, reversed-
lead insertion protection, and reversed-leakage protection.
The MIC39501 offers a TTL-logic-compatible enable pin and
an error flag that indicates undervoltage and overcurrent
conditions. Offered in a fixed voltages, 1.8V and 2.5V, the
MIC39500/1 comes in the TO-220 and TO-263 packages
and an ideal upgrade to older, NPN-based linear voltage
regulators.
For applications requiring input voltage
greater than 16V, see the
MIC29500/1/2/3 family. For applications
with input voltage 6V or below, see
MIC3750x LDOs.
Typical Application
IN
OUT
GND
VIN
3.3V
VOUT
2.5V
1.0µF
47µF
MIC39500-2.5
MIC39500
Features
• 5A minimum guaranteed output current
• 400mV dropout voltage
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V conversion
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery and reversed-lead insertion protection
• Reversed-leakage protection
• Fast transient response
• TO-263 and TO-220 packages
• TTL/CMOS compatible enable pin (MIC39501 only)
• Error flag output (MIC39501 only)
• Ceramic capacitor stable (See Application Information)
Applications
• Low Voltage Digital ICs
• LDO linear regulator for PC add-in cards
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Low-voltage microcontrollers
• StrongARM™ processor supply
StrongARM is a trademark of Advanced RISC Machines, Ltd.
MIC39501-2.5
FLG
OUT
ERROR
FLAG OUTPUT
47µF
EN
GND
IN
VOUT
2.5V
1.0µF
Enable
Shutdown
VIN
3.3V
100KΩ
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC39500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39500 MICREL-MIC39500 Datasheet
93Kb / 8P
5A Low-Voltage Low-Dropout Regulator Advance Information
MIC39500-2.5BT MICREL-MIC39500-2.5BT Datasheet
93Kb / 8P
5A Low-Voltage Low-Dropout Regulator Advance Information
MIC39500-2.5BU MICREL-MIC39500-2.5BU Datasheet
93Kb / 8P
5A Low-Voltage Low-Dropout Regulator Advance Information
More results

Similar Description - MIC39500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com