Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC39500
Description  5A 關Cap Low-Voltage Low-Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor MIC39500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC39500/39501
Micrel
M9999-082605-B
2
August 2005
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC39500
MIC39501
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
or open = shutdown
1
2
IN
Unregulated Input: +16V maximum supply.
2, TAB
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open collector output. Active low indicates an output
fault condition.
Pin Configuration
Pin Number
Pin Number
Pin Name
Pin Function
MIC39500
MIC39501
2,
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open collector output. Active low indicates an output
Pin Number
Pin Number
Pin Name
Pin Function
MIC39500
MIC39501
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
1
2
IN
Unregulated Input: +16V maximum supply.
3,
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open collector output. Active low indicates an output
Pin Number
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
1
2
IN
Unregulated Input: +16V maximum supply.
GND
Ground: Ground pin and
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open collector output. Active low indicates an output
Pin Number
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
1
2
IN
Unregulated Input: +16V maximum supply.
GND
Ground: Ground pin and
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open collector output. Active low indicates an output
3 OUT
2 GND
1 IN
MIC39500-x.xBT
TO-220-3 (T)
5 FLG
4 OUT
3 GND
2 IN
1 EN
MIC39501-x.xBT
TO-220-5 (T)
3 OUT
2 GND
1 IN
MIC39500-x.xBU
TO-263-3 (U)
5 FLG
4 OUT
3 GND
2 IN
1 EN
TO-263-5 (U)
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Standard
RoHS Compliant*
MIC39500-2.5BT
MIC39500-2.5WT*
2.5V
-40°C to +125°C
3-Lead TO-220
MIC39500-2.5BU
MIC39500-2.5WU*
2.5V
-40°C to +125°C
3-Lead TO-263
MIC39501-2.5BT
MIC39501-2.5WT*
2.5V
-40°C to +125°C
5-Lead TO-220
MIC39501-2.5BU
MIC39501-2.5WU*
2.5V
-40°C to +125°C
5-Lead TO-263
MIC39500-1.8BT
MIC39500-1.8WT*
1.8V
-40°C to +125°C
3-Lead TO-220
MIC39500-1.8BU
MIC39500-1.8WU*
1.8V
-40°C to +125°C
3-Lead TO-263
MIC39501-1.8BT
MIC39501-1.8WT*
1.8V
-40°C to +125°C
5-Lead TO-220
MIC39501-1.8BU
MIC39501-1.8WU*
1.8V
-40°C to +125°C
5-Lead TO-263
* RoHS compliant with high-melting solder exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com