Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC39500
Description  5A 關Cap Low-Voltage Low-Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor MIC39500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
August 2005
3
M9999-082605-B
MIC39500/39501
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN).......................................–20V to +20V
Enable Voltage (VEN) ..................................................+20V
Storage Temperature (TS) ........................ –65°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
ESD,
Note 3
Operating Ratings (Note 2)
Supply Voltage (VIN)................................... +2.25V to +16V
Enable Voltage (VEN) ..................................................+16V
Maximum Power Dissipation (PD(max))..................... Note 4
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance
TO-263 (θJC) .........................................................2°C/W
TO-220 (θJC) .........................................................2°C/W
Electrical Characteristics
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage
10mA
–1
1
%
10mA ≤ IOUT ≤ 5A, VOUT + 1V ≤ VIN ≤ 16V
–2
2
%
Line Regulation
IOUT = 10mA, VOUT + 1V ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN = VOUT + 1V, 10mA ≤ IOUT ≤ 5A
0.2
1
%
∆VOUT/∆T
Output Voltage Temp. Coefficient,
20
100
ppm/°C
Note 5
VDO
Dropout Voltage,
Note 6
IOUT = 250mA, ∆VOUT = –2%
125
250
mV
IOUT = 2.5A, ∆VOUT = –2%
320
mV
IOUT = 5A, ∆VOUT = –2%
400
575
mV
IGND
Ground Current,
Note 7
IOUT = 2.5A, VIN = VOUT + 1V
15
50
mA
IOUT = 5A, VIN = VOUT + 1V
70
mA
IGND(do)
Dropout Ground Pin Current
VIN ≤ VOUT(nominal) – 0.5V, IOUT = 10mA
2.1
mA
IOUT(lim)
Current Limit
VOUT = 0V, VIN = VOUT + 1V
7.5
A
en
Output Noise Voltage
COUT = 47µF, IOUT = 100mA, 10Hz to 100kHz
260
µV(rms)
Enable Input (MIC39501)
VEN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.25
V
IIN
Enable Input Current
VEN = VIN
30
35
µA
75
µA
VEN = 0.8V
2
µA
4
µA
IOUT(shdn)
Shutdown Output Current
Note 8
10
20
µA
Flag Output (MIC39501)
IFLG(leak)
Output Leakage Current
VOH = 16V
0.01
1
µA
2
µA
VFLG(do)
Output Low Voltage
VIN = 2.250V, IOL, = 250µA, Note 9
180
300
mV
400
mV
Low Threshold
1% of VOUT
93
%
VFLG
High Threshold
1% of VOUT
99.2
%
Hysteresis
1
%
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) – TA
– T
– T ) ÷ θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
JA
JA
Note 5. Output voltage temperature coefficient is ∆VOUT(worst case) ÷ (TJ(max) – TJ(min)) where TJ(max) is +125°C and TJ(min) is –40°C.
Note 6. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For voltages below 2.25V, Dropout volt-
age is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V.
Note 7. IGND is the quiescent current. IIN = IGND + IOUT.
Note 8. VEN ≤ 0.8V, VIN ≤ 8V, and VOUT = 0V
Note 9. For a 2.5V device, VIN = 2.250V (device is in dropout).
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
10mA
Load Regulation
V
/∆T
Output Voltage Temp. Coefficient,
Dropout Voltage,
I
I
Ground Current,
I
Dropout Ground Pin Current
V
Current Limit
V
Output Noise Voltage
C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
10mA
Line Regulation
I
Load Regulation
V
I
I
I
I
Dropout Ground Pin Current
V
Current Limit
V
Output Noise Voltage
C
Symbol
Parameter
Condition
Min
Typ
Max
Units
–2
≤ 16V
0.06
0.5
%
≤ 5A
0.2
1
%
20
100
= –2%
125
= –2%
320
mV
= –2%
400
+ 1V
15
+ 1V
70
mA
= 10mA
2.1
mA
+ 1V
7.5
A
= 100mA, 10Hz to 100kHz
260
Symbol
Parameter
Condition
Min
Typ
Max
Units
1
1
%
≤ 16V
0.06
0.5
%
≤ 5A
0.2
1
%
20
100
= –2%
125
= –2%
320
mV
= –2%
400
+ 1V
15
+ 1V
70
mA
= 10mA
2.1
mA
+ 1V
7.5
A
= 100mA, 10Hz to 100kHz
260
Symbol
Parameter
Condition
Min
Typ
Max
Units
1
1
%
≤ 16V
0.06
0.5
%
≤ 5A
0.2
1
%
20
100
= –2%
320
mV
+ 1V
70
mA
= 10mA
2.1
mA
+ 1V
7.5
A
= 100mA, 10Hz to 100kHz
260
Symbol
Parameter
Condition
Min
Typ
Max
Units
1
1
%
%
≤ 16V
0.06
0.5
%
≤ 5A
0.2
1
%
= –2%
320
mV
+ 1V
70
mA
= 10mA
2.1
mA
+ 1V
7.5
A
Enable Input Voltage
logic low (off)
logic high (on)
Enable Input Current
V
V
Shutdown Output Current
Enable Input Voltage
logic low (off)
logic high (on)
Enable Input Current
V
V
Enable Input Voltage
logic low (off)
30
35
µA
= 0.8V
2
µA
10
Enable Input Voltage
logic low (off)
30
35
µA
= 0.8V
2
µA
10
30
35
µA
= 0.8V
2
µA
30
35
µA
= 0.8V
2
µA
µA
Output Leakage Current
V
Output Low Voltage
V
High Threshold
1% of V
Hysteresis
1
%
Output Leakage Current
V
Output Low Voltage
V
Low Threshold
1% of V
High Threshold
1% of V
Hysteresis
1
%
= 16V
0.01
1
µA
180
300
mV
OUT
Hysteresis
1
%
= 16V
0.01
1
µA
180
300
mV
93
%
OUT
Hysteresis
1
%
= 16V
0.01
1
µA
180
300
mV
93
%
Hysteresis
1
%
= 16V
0.01
1
µA
µA
180
300
mV
mV
93
%
99.2
%
Hysteresis
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com