Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC39500
Description  5A 關Cap Low-Voltage Low-Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor MIC39500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC39500/39501
Micrel
M9999-082605-B
4
August 2005
Typical Characteristics
0
5
10
15
20
25
30
35
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
C
IN = 0
C
OUT = 47µF T ant
V
IN = 3.3V
V
OUT = 2.5V
I
LOAD = 5A
10 100 1k 10k 100k 1M 10M
0
5
10
15
20
25
30
35
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
C
IN = 0
C
OUT = 100µF C eramic
10 100 1k 10k 100k 1M 10M
V
IN = 3.3V
V
OUT = 2.5V
I
LOAD = 5A
0
50
100
150
200
250
300
350
400
450
OUTPUT CURRENT (mA)
Dropout V oltage vs .
Output C urrent
V
OUT = 2.5V
V
OUT = 1.8V
0
100
200
300
400
500
600
TEMPERATURE (
°C)
Dropout Voltage
vs . Temperature
I
LOAD = 5A
V
OUT = 2.5V
V
OUT = 1.8V
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
INPUT VOLTAGE (V)
Dropout C haracteris tics
I
LOAD = 2.5A
I
LOAD = 100mA
I
LOAD = 5A
0
10
20
30
40
50
60
70
80
OUTPUT CURRENT (mA)
G round C urrent vs .
Output C urrent
V
OUT = 2.5V
V
IN = V OUT +1V
V
OUT = 1.8V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0 1 2 3 4 5 6 7 8 9 10
SUPPLY VOLTAGE (V)
G round C urrent vs .
S upply V oltage
I
LOAD = 10mA
I
LOAD = 100mA
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
G round C urrent vs .
S upply Voltage
I
LOAD = 5.0A
I
LOAD = 2.5A
I
LOAD = 2.0A
0
1
2
3
4
5
6
7
8
9
10
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
G round C urrent
vs . Temperature
V
OUT = 1.8V
V
OUT = 2.5V
I
LOAD = 10mA
V
IN = V OUT + 1V
0
5
10
15
20
25
30
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
G round C urrent
vs . Temperature
V
OUT = 2.5V
I
LOAD = 2.5A
V
IN = V OUT + 1V
V
OUT = 1.8V
0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
G round C urrent
vs . Temperature
I
LOAD = 5A
V
IN = V OUT = 1V
V
OUT = 1.8V
V
OUT = 2.5V
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
S hort C ircuit C urrent
vs . Temperature
V
IN = V OUT + 1V
T ypical 1.8V Device
T ypical 2.5V Device



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com