Electronic Components Datasheet Search
  English  ▼

X  

MIC61300 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC61300 Datasheet HTML 2Page - Micrel Semiconductor MIC61300 Datasheet HTML 3Page - Micrel Semiconductor MIC61300 Datasheet HTML 4Page - Micrel Semiconductor MIC61300 Datasheet HTML 5Page - Micrel Semiconductor MIC61300 Datasheet HTML 6Page - Micrel Semiconductor MIC61300 Datasheet HTML 7Page - Micrel Semiconductor MIC61300 Datasheet HTML 8Page - Micrel Semiconductor MIC61300 Datasheet HTML 9Page - Micrel Semiconductor MIC61300 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
6
M9999-092910-A
Typical Characteristics (Continued)
GND Pin Current
vs. Temperature
0
1
2
3
4
5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.4V
VOUT = 1.0V
IOUT = 500mA
Shutdown Ground Current
vs. Temperature
0
1
2
3
4
5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN =1.5V
VOUT = 0V
VIN Turn-On Threshold
vs. Temperature
0.50
0.75
1.00
1.25
1.50
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
EN Pin Current
vs. Temperature
0
5
10
15
20
25
30
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.5V
VOUT = 1.0V
VEN = 3.6V
Dropout Voltage
vs. Temperature
0
100
200
300
400
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.5V
VFB = 0V
IOUT = 3A
IOUT = 1A
Short Circuit Current
vs. Temperature
0
2
4
6
8
10
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.5V
VOUT = 0V
Feedback Voltage
vs. Temperature
0.490
0.495
0.500
0.505
0.510
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.5V
VOUT = 1.0V
IOUT = 10mA
Feedback Pin Current
vs. Temperature
0
5
10
15
20
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.5V
VFB = 0.5V
IOUT = 10mA
Line Regulation
vs. Temperature
0.00
0.05
0.10
0.15
0.20
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 1.1V to 3.6V
VOUT = 1.0V
IOUT = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com