Electronic Components Datasheet Search
  English  ▼

X  

MIC61300 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC61300 Datasheet HTML 10Page - Micrel Semiconductor MIC61300 Datasheet HTML 11Page - Micrel Semiconductor MIC61300 Datasheet HTML 12Page - Micrel Semiconductor MIC61300 Datasheet HTML 13Page - Micrel Semiconductor MIC61300 Datasheet HTML 14Page - Micrel Semiconductor MIC61300 Datasheet HTML 15Page - Micrel Semiconductor MIC61300 Datasheet HTML 16Page - Micrel Semiconductor MIC61300 Datasheet HTML 17Page - Micrel Semiconductor MIC61300 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
14
M9999-092910-A
To determine the maximum power dissipation allowed
that would not exceed the IC’s maximum junction
temperature (125
°C) when operating at a maximum
ambient temperature of 75
°C by:
PD(MAX) = (TJ(MAX) – TA) / θJA
= (125
°C − 75°C) / (60.7°C/W)
= 0.824W
Eq. 6
Thermal Measurements
It is always wise to measure the IC’s case temperature
to make sure that it is within its operating limits. Although
this might seem like a very elementary task, it is very
easy to get erroneous results. The most common
mistake is to use the standard thermal couple that
comes with the thermal voltage meter. This thermal
couple wire gauge is large, typically 22 gauge, and
behaves like a heatsink, resulting in a lower case
measurement.
There are two suggested methods for measuring the IC
case temperature: a thermal couple or an infrared
thermometer. If a thermal couple is used, it must be
constructed of 36 gauge wire or higher to minimize the
wire heatsinking effect. In addition, the thermal couple tip
must be covered in either thermal grease or thermal glue
to make sure that the thermal couple junction is making
good contact to the case of the IC. This thermal couple
from Omega (5SC-TT-K-36-36) is adequate for most
applications.
To avoid this messy thermal couple grease or glue, an
infrared thermometer is recommended. Most infrared
thermometers’ spot size are too large for an accurate
reading on small form factor ICs. However, an IR
thermometer from Optris has a 1mm spot size, which
makes it ideal for the 3mm
× 3mm MLF® package. Also,
get the optional stand. The stand makes it easy to hold
the beam on the IC for long periods of time.
Enable
The MIC61300 features an active high enable input (EN)
that allows ON/OFF control of the regulator. The current
through the device reduces to near “zero” when the
device is shutdown, with only microamperes of leakage
current. The EN input may be directly tied to VIN or
driven by a voltage that is higher than VIN as long as the
voltage does not exceed the maximum operating rating
of the EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com