Electronic Components Datasheet Search
  English  ▼

X  

MIC61300 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC61300 Datasheet HTML 3Page - Micrel Semiconductor MIC61300 Datasheet HTML 4Page - Micrel Semiconductor MIC61300 Datasheet HTML 5Page - Micrel Semiconductor MIC61300 Datasheet HTML 6Page - Micrel Semiconductor MIC61300 Datasheet HTML 7Page - Micrel Semiconductor MIC61300 Datasheet HTML 8Page - Micrel Semiconductor MIC61300 Datasheet HTML 9Page - Micrel Semiconductor MIC61300 Datasheet HTML 10Page - Micrel Semiconductor MIC61300 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
7
M9999-092910-A
Typical Characteristics (Continued)
Dropout Voltage
vs. Output Current
0
50
100
150
200
250
300
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
TA = -40ºC
VIN = 1.5V
VFB = 0V
TA = 25ºC
TA = 85ºC
TA =125ºC
Feedback Voltage
vs. Output Current
0.490
0.495
0.500
0.505
0.510
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
VIN = 1.5V
VOUT = 1.0V
GND Pin Current
vs. Output Current
0
1
2
3
4
5
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
VIN = 1.5V
VOUT = 1.0V
Line Regulation
vs. Output Current
-0.10
-0.05
0.00
0.05
0.10
0.01.02.03.0
OUTPUT CURRENT (A)
VIN = 1.5V to 3.6V
VOUT = 1.2V
Power Dissipation
vs. Output Current
0.0
0.5
1.0
1.5
2.0
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
VOUT = 1.5V
VOUT = 1.0V
Case Temperature* (ML)
vs. Output Current
0
20
40
60
80
100
0.0
1.0
2.0
3.0
OUTPUT CURRENT (A)
VIN = 1.5V
VOUT = 1.0V
Output Noise
vs. Frequency
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Noise Spectral
Density
VIN =1.2V
VOUT = 1.0V
IOUT = 3A
COUT = 47µF
Ripple Rejection
vs. Frequency
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Gain (dB)
VIN =1.5V
VOUT = 1.0V
IOUT = 100mA
COUT = 47µF
Ripple Rejection
vs. Frequency
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Gain (dB)
VIN =1.5V
VOUT = 1.0V
IOUT = 1A
COUT = 47µF
Case Temperature*: The temperature measurement was taken at the hottest point on the MIC61300 case mounted on a 2.25 square inch PCB at an
ambient temperature of 25°C; see “Thermal Measurement” section. Actual results will depend upon the size of the PCB, ambient temperature and
proximity to other heat emitting components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com