Electronic Components Datasheet Search
  English  ▼

X  

LC72131 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC72131
Description  AM/FM PLL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC72131 Datasheet HTML 12Page - Sanyo Semicon Device LC72131 Datasheet HTML 13Page - Sanyo Semicon Device LC72131 Datasheet HTML 14Page - Sanyo Semicon Device LC72131 Datasheet HTML 15Page - Sanyo Semicon Device LC72131 Datasheet HTML 16Page - Sanyo Semicon Device LC72131 Datasheet HTML 17Page - Sanyo Semicon Device LC72131 Datasheet HTML 18Page - Sanyo Semicon Device LC72131 Datasheet HTML 19Page - Sanyo Semicon Device LC72131 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
IF Counter Structure
The LC72131 IF counter is a 20-bit binary counter. The result, i.e., the counter’s msb, can be read serially from the DO pin.
The IF frequency (Fc) is measured by determining how many pulses were input to an IF counter in a specified
measurement period, GT.
Fc =
(C = Fc
× GT)
C: Count value (number of pulses)
1. IF Counter Frequency Calculation Examples
• When the measurement period (GT) is 32 ms, the count (C) is 53980 hexadecimal (342400 decimal):
IF frequency (Fc) = 342400
÷ 32 ms = 10.7 MHz
• When the measurement period (GT) is 8 ms, the count (C) is E10 hexadecimal (3600 decimal):
IF frequency (Fc) = 3600
÷ 8 ms = 450 kHz
C
GT
No. 4921-16/23
LC72131, 72131M
GT1
GT0
Measurement time
Measurement period (GT) (ms)
Wait time (twu) (ms)
0
0
4
3 to 4
0
1
8
3 to 4
1
0
32
7 to 8
1
1
64
7 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com