Electronic Components Datasheet Search
  English  ▼

X  

LC72131 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72131
Description  AM/FM PLL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72131 Datasheet HTML 1Page - Sanyo Semicon Device LC72131 Datasheet HTML 2Page - Sanyo Semicon Device LC72131 Datasheet HTML 3Page - Sanyo Semicon Device LC72131 Datasheet HTML 4Page - Sanyo Semicon Device LC72131 Datasheet HTML 5Page - Sanyo Semicon Device LC72131 Datasheet HTML 6Page - Sanyo Semicon Device LC72131 Datasheet HTML 7Page - Sanyo Semicon Device LC72131 Datasheet HTML 8Page - Sanyo Semicon Device LC72131 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics for the Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
No. 4921-5/23
LC72131, 72131M
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Rf1
XIN
1.0
M
Ω
Built-in feedback resistance
Rf2
FMIN
500
k
Ω
Rf3
AMIN
500
k
Ω
Rf4
IFIN
250
k
Ω
Built-in pull-down resistor
Rpd1
FMIN
200
k
Ω
Rpd2
AMIN
200
k
Ω
Hysteresis
VHIS
CE, CL, DI, IO1, IO2
0.1 VDD
V
Output high level voltage
VOH1
PD
IO = –1 mA
VDD – 1.0
V
VOL1
PD
IO = 1 mA
1.0
V
VOL2
BO1
IO = 0.5 mA
0.5
V
IO = 1 mA
1.0
V
VOL3
DO
IO = 1 mA
0.2
V
Output low level voltage
IO = 5 mA
1.0
V
IO = 1 mA
0.2
V
VOL4
BO2 to BO4, IO1, IO2
IO = 5 mA
1.0
V
IO = 8 mA
1.6
V
VOL5
AOUT
IO = 1 mA, AIN = 1.3 V
0.5
V
IIH1
CE, CL, DI
VI = 6.5 V
5.0
V
IIH2
IO1, IO2
VI = 13 V
5.0
µA
Input high level current
IIH3
XIN
VI = VDD
2.0
11
µA
IIH4
FMIN, AMIN
VI = VDD
4.0
22
µA
IIH5
IFIN
VI = VDD
8.0
44
µA
IIH6
AIN
VI = 6.5 V
200
nA
IIL1
CE, CL, DI
VI = 0 V
5.0
µA
IIL2
IO1, IO2
VI = 0 V
5.0
µA
Input low level current
IIL3
XIN
VI = 0 V
2.0
11
µA
IIL4
FMIN, AMIN
VI = 0 V
4.0
22
µA
IIL5
IFIN
VI = 0 V
8.0
44
µA
IIL6
AIN
VI = 0 V
200
nA
IOFF1
BO1 to BO4, AOUT,
VO = 13 V
5.0
µA
Output off leakage current
IO1, IO2
IOFF2
DO
VO = 6.5 V
5.0
µA
High level three-state
IOFFH
PD
VO = VDD
0.01
200
nA
off leakage current
Low level three-state
IOFFL
PD
VO = 0 V
0.01
200
nA
off leakage current
Input capacitance
CIN
FMIN
6
pF
Xtal = 7.2 MHz,
IDD1
VDD
fIN2 = 130 MHz,
5
10
mA
VIN2 = 40 mVrms
PLL block stopped
Current drain
IDD2
VDD
(PLL INHIBIT),
0.5
mA
Xtal oscillator operating
(Xtal = 7.2 MHz)
IDD3
VDD
PLL block stopped
10
µA
Xtal oscillator stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com