Electronic Components Datasheet Search
  English  ▼

X  

LC72131 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72131
Description  AM/FM PLL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72131 Datasheet HTML 3Page - Sanyo Semicon Device LC72131 Datasheet HTML 4Page - Sanyo Semicon Device LC72131 Datasheet HTML 5Page - Sanyo Semicon Device LC72131 Datasheet HTML 6Page - Sanyo Semicon Device LC72131 Datasheet HTML 7Page - Sanyo Semicon Device LC72131 Datasheet HTML 8Page - Sanyo Semicon Device LC72131 Datasheet HTML 9Page - Sanyo Semicon Device LC72131 Datasheet HTML 10Page - Sanyo Semicon Device LC72131 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Continued from preceding page.
No. 4921-7/23
LC72131, 72131M
Pin No.
Symbol
(MFP pin Nos. are
Type
Functions
Circuit configuration
in parentheses.)
VSS
BO1
BO2
BO3
BO4
IO1
IO2
PD
AIN
AOUT
IFIN
21 (19)
7 (6)
8 (7)
9 (8)
10 (9)
11 (10)
13 (12)
18 (16)
19 (17)
20 (18)
12 (11)
Ground
Output port
I/O port
Charge pump
output
LPF amplifier
transistor
IF counter
• The LC72131 ground
• Dedicated output pins
• The output states are determined by BO1 to BO4 bits in
the serial data.
Data: 0 = open, 1 = low
• A time base signal (8 Hz) can be output from the BO1
pin. (When the serial data TBC bit is set to 1.)
• Care is required when using the BO1 pin, since it has a
higher on impedance that the other output ports (pins
BO2 to BO4).
• All output ports are set to the open state following a
power on reset.
• I/O dual-use pins
• The direction (input or output) is determined by bits IOC1
and IOC2 in the serial data.
Data: 0 = input port, 1 = output port
• When specified for use as input ports:
The state of the input pin is transmitted to the controller
over the DO pin.
Input state: low = 0 data value
high = 1 data value
• When specified for use as output ports:
The output states are determined by the IO1 and IO2
bits in the serial data.
Data: 0 = open, 1 = low
• These pins function as input pins following a power on
reset.
• PLL charge pump output
When the frequency generated by dividing the local
oscillator frequency by N is higher than the reference
frequency, a high level is output from the PD pin.
Similarly, when that frequency is lower, a low level is
output. The PD pin goes to the high impedance state
when the frequencies match.
• The n-channel MOS transistor used for the PLL active
low-pass filter.
• Accepts an input in the frequency range 0.4 to 12 MHz.
• The input signal is directly transmitted to the IF counter.
• The result is output starting the MSB of the IF counter
using the DO pin.
• Four measurement periods are supported: 4, 8, 32, and
64 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com