Electronic Components Datasheet Search
  English  ▼

X  

LC72131 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72131
Description  AM/FM PLL Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72131 Datasheet HTML 1Page - Sanyo Semicon Device LC72131 Datasheet HTML 2Page - Sanyo Semicon Device LC72131 Datasheet HTML 3Page - Sanyo Semicon Device LC72131 Datasheet HTML 4Page - Sanyo Semicon Device LC72131 Datasheet HTML 5Page - Sanyo Semicon Device LC72131 Datasheet HTML 6Page - Sanyo Semicon Device LC72131 Datasheet HTML 7Page - Sanyo Semicon Device LC72131 Datasheet HTML 8Page - Sanyo Semicon Device LC72131 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Note: * Recommended crystal oscillator CI values:
CI
≤ 120Ω (For a 4.5 MHz crystal)
CI
≤ 70Ω (For a 7.2 MHz crystal)
<Sample Oscillator Circuit>
Crystal oscillator: HC-49/U (manufactured by Kinseki, Ltd.), CL = 12 pF
C1 = C2 = 15 pF
The circuit constants for the crystal oscillator circuit depend on the crystal used, the printed circuit board
pattern, and other items. Therefore we recommend consulting with the manufacturer of the crystal for
evaluation and reliability.
No. 4921-4/23
LC72131, 72131M
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1 max
CE, CL, DI, AIN
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN, FMIN, AMIN, IFIN
–0.3 to VDD + 0.3
V
VIN3 max
IO1, IO2
–0.3 to +15
V
VO1 max
DO
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT, PD
–0.3 to VDD + 0.3
V
VO3 max
BO1 to BO4, IO1, IO2, AOUT
–0.3 to +15
V
IO1 max
BO1
0 to 3.0
mA
Maximum output current
IO2 max
AOUT, DO
0 to 6.0
mA
IO3 max
BO2 to BO4, IO1, IO2
0 to 10.0
mA
Allowable power dissipation
Pd max
Ta
≤ 85°C
LC72131: DIP22S
350
mW
LC72131M: MFP20
180
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
5.5
V
Input high-level voltage
VIH1
CE, CL, DI
0.7 VDD
6.5
V
VIH2
IO1, IO2
0.7 VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3 VDD
V
VO1
DO
0
6.5
V
Output voltage
VO2
BO1 to BO4, IO1, IO2,
0
13
V
AOUT
fIN1
XIN
VIN1
1
8
MHz
fIN2
FMIN
VIN2
10
160
MHz
Input frequency
fIN3
AMIN
VIN3, SNS = 1
2
40
MHz
fIN4
AMIN
VIN4, SNS = 0
0.5
10
MHz
fIN5
IFIN
VIN5
0.4
12
MHz
VIN1
XIN
fIN1
400
1500
mVrms
VIN2-1
FMIN
f = 10 to 130 MHz
40
1500
mVrms
VIN2-2
FMIN
f = 130 to 160 MHz
70
1500
mVrms
Input amplitude
VIN3
AMIN
fIN3, SNS = 1
40
1500
mVrms
VIN4
AMIN
fIN4, SNS = 0
40
1500
mVrms
VIN5-1
IFIN
fIN5, IFS = 1
40
1500
mVrms
VIN5-2
IFIN
fIN6, IFS = 0
70
1500
mVrms
Supported crystals
Xtal
XIN, XOUT
*
4.0
8.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com