Electronic Components Datasheet Search
  English  ▼

X  

AD9286 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9286
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9286 Datasheet HTML 6Page - Analog Devices AD9286 Datasheet HTML 7Page - Analog Devices AD9286 Datasheet HTML 8Page - Analog Devices AD9286 Datasheet HTML 9Page - Analog Devices AD9286 Datasheet HTML 10Page - Analog Devices AD9286 Datasheet HTML 11Page - Analog Devices AD9286 Datasheet HTML 12Page - Analog Devices AD9286 Datasheet HTML 13Page - Analog Devices AD9286 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9286
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
AVDD
AVDD
AUXCLK+
AUXCLK–
RBIAS
AUXCLKEN
DRGND
DRVDD
D0– (LSB)
D0+ (LSB)
D1–
D1+
AVDD
CLK+
CLK–
CSB
SDIO/PWDN
SCLK
OE
DRGND
DRVDD
D7+ (MSB)
D7– (MSB)
35
AVDD
36
34
33
32
31
30
29
28
27
26
25
AD9286
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB ANALOG
GROUND TO ENSURE PROPER FUNCTIONALITY AND HEAT
DISSIPATION, NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 6. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Pins
1, 2, 35, 36, 37, 40, 42,
44, 45, 48
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
8, 27
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
7, 28
DRGND
Ground
Digital Output Ground.
0
AGND
Ground
Analog Ground. Pin 0 is the exposed thermal pad on the bottom of the
package. This is the only ground connection, and it must be soldered to
the PCB analog ground to ensure proper functionality and heat dissipation,
noise, and mechanical strength benefits.
ADC Analog Pins
39
VIN1+
Input
Differential Analog Input Pin (+) for Channel 1.
38
VIN1−
Input
Differential Analog Input Pin (−) for Channel 1.
46
VIN2+
Input
Differential Analog Input Pin (+) for Channel 2.
47
VIN2−
Input
Differential Analog Input Pin (−) for Channel 2.
43
VREF
Input/output
Voltage Reference Input/Output.
5
RBIAS
Input/output
External Reference Bias Resistor. Connect 10 kΩ from RBIAS to AGND.
41
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
34
CLK+
Input
ADC Clock Input—True.
33
CLK−
Input
ADC Clock Input—Complement.
3
AUXCLK+
Input
Auxiliary ADC Clock Input—True.
4
AUXCLK−
Input
Auxiliary ADC Clock Input—Complement.
Digital Inputs
6
AUXCLKEN
Input
Auxiliary Clock Input Enable.
29
OE
Input
Digital Enable (Active Low) to Tristate Output Data Pins.
Digital Outputs
26
D7+ (MSB)
Output
Output Data 7—True.
25
D7− (MSB)
Output
Output Data 7—Complement.
24
D6+
Output
Output Data 6—True.
23
D6−
Output
Output Data 6—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com