Electronic Components Datasheet Search
  English  ▼

X  

AD9286 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9286
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9286 Datasheet HTML 20Page - Analog Devices AD9286 Datasheet HTML 21Page - Analog Devices AD9286 Datasheet HTML 22Page - Analog Devices AD9286 Datasheet HTML 23Page - Analog Devices AD9286 Datasheet HTML 24Page - Analog Devices AD9286 Datasheet HTML 25Page - Analog Devices AD9286 Datasheet HTML 26Page - Analog Devices AD9286 Datasheet HTML 27Page - Analog Devices AD9286 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9286
Rev. 0 | Page 25 of 28
MEMORY MAP REGISTER DESCRIPTIONS
For more information about functions controlled in Register 0x00
to Register 0xFF, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Voltage Reference (Register 0x18)
Bits[7:5]—Reserved
Bits[4:0]—Voltage Reference
Bits[4:0] scale the internally generated voltage reference and,
consequently, the full scale of the analog input. Within this register,
the reference driver can be configured to be more easily driven
externally by reducing the capacitive loading.
The relationship between the VREF voltage and the input full
scale is described by Equation 7. See Table 14 for a complete list
of register settings.
Input_Full_Scale = VREF × 1.2
(7)
Table 14. VREF and Input Full Scale (Register 0x18)
Value
VREF (V)
Full Scale (V)
0x14
0.844
1.013
0x15
0.857
1.028
0x16
0.87
1.044
0x17
0.883
1.060
0x18
0.896
1.075
0x19
0.909
1.091
0x1A
0.922
1.106
0x1B
0.935
1.122
0x1C
0.948
1.138
0x1D
0.961
1.153
0x1E
0.974
1.169
0x1F
0.987
1.184
0x00
1
1.200
0x01
1.013
1.216
0x02
1.026
1.231
0x03
1.039
1.247
0x04
1.052
1.262
0x05
1.065
1.278
0x06
1.078
1.294
0x07
1.091
1.309
0x08
1.104
1.325
0x09
1.117
1.340
0x0A
1.13
1.356
0x0B
1.143
1.372
0x0C
1.156
1.387
0x0D
1.169
1.403
0x0E
1.182
1.418
0x0F
1.195
1.434
0x10
1.208
1.450
0x11
1.221
1.465
0x12
1.234
1.481
0x13
External
External × 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com