Electronic Components Datasheet Search
  English  ▼

X  

AD9286 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9286
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9286 Datasheet HTML 18Page - Analog Devices AD9286 Datasheet HTML 19Page - Analog Devices AD9286 Datasheet HTML 20Page - Analog Devices AD9286 Datasheet HTML 21Page - Analog Devices AD9286 Datasheet HTML 22Page - Analog Devices AD9286 Datasheet HTML 23Page - Analog Devices AD9286 Datasheet HTML 24Page - Analog Devices AD9286 Datasheet HTML 25Page - Analog Devices AD9286 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD9286
Rev. 0 | Page 22 of 28
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table (see Table 13) has
eight bit locations. The memory map is roughly divided into
three sections: the chip configuration registers (Address 0x00
to Address 0x02), the device index and transfer registers
(Address 0x05 and Address 0xFF), and the program registers
(Address 0x08 to Address 0x38).
Table 13 documents the default hexadecimal value for each
hexadecimal address shown. The column with the heading Bit 7
(MSB) is the start of the default hexadecimal value given. For
more information on this function and others, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI. This
document details the functions controlled by Register 0x00 to
Register 0xFF.
Open Locations
All address and bit locations that are not included in the SPI
map are not currently supported for this device. Unused bits of
a valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open. If the entire address location is open, it is omitted from the
SPI map (for example, Address 0x13) and should not be written.
Default Values
After the AD9286 is reset, critical registers are loaded with
default values. The default values for the registers are given
in the memory map register table (see Table 13).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Bit is cleared” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 to Address 0x38 are shadowed. Writes to these
addresses do not affect part operation until a transfer command
is issued by writing 0x01 to Address 0xFF, setting the transfer bit.
Setting the transfer bit allows these registers to be updated
internally and simultaneously. The internal update takes place
when the transfer bit is set, and then the bit autoclears.
Channel-Specific Registers
Some channel setup functions can be programmed differently
for each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in the memory map register table as local. These
local registers and bits can be accessed by setting the appropriate
Channel 1 (Bit 0) or Channel 2 (Bit 1) bits in Register 0x05.
If both bits are set, the subsequent write affects the registers of
both channels. In a read cycle, set only Channel 1 or Channel 2
to read one of the two registers. If both bits are set during an
SPI read cycle, the part returns the value for Channel 1.
Registers and bits designated as global in the memory map
register table affect the entire part or the channel features for
which independent settings are not allowed between channels.
The settings in Register 0x05 do not affect the global registers
and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com