Electronic Components Datasheet Search
  English  ▼

X  

LC7218 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7218
Description  PLL Frequency Synthesizer for Electronic Tuning in AV Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7218 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7218 Datasheet HTML 1Page - Sanyo Semicon Device LC7218 Datasheet HTML 2Page - Sanyo Semicon Device LC7218 Datasheet HTML 3Page - Sanyo Semicon Device LC7218 Datasheet HTML 4Page - Sanyo Semicon Device LC7218 Datasheet HTML 5Page - Sanyo Semicon Device LC7218 Datasheet HTML 6Page - Sanyo Semicon Device LC7218 Datasheet HTML 7Page - Sanyo Semicon Device LC7218 Datasheet HTML 8Page - Sanyo Semicon Device LC7218 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Block Diagram
Pin Symbols
XIN, XOUT:
Crystal oscillator (7.2 MHz)
FMIN, AMIN:
Local oscillator signal input
CE, CL, DI, DO: Serial data I/O
OUT0 to OUT6: Output ports
IN0, IN1:
Input ports
HCTR, LCTR:
General-purpose counter inputs
PD1, PD2:
Charge pump outputs
SYC:
Control clock (400 kHz)
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
No. 4758-3/16
LC7218, 7218M, 7218JM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
Input voltage
VIN (1)
CE, CL, DI, IN0, IN1
–0.3 to +7.0
V
VIN (2)
Input pins other than VIN (1)
–0.3 to VDD + 0.3
V
VOUT (1)
DO, SYC
–0.3 to +7.0
V
Output voltage
VOUT (2)
OUT1, OUT2
–0.3 to VDD + 0.3
V
VOUT (3)
OUT3 to OUT6, OUT0
–0.3 to +15
V
VOUT (4)
Output pins other than VOUT (1), VOUT (2) and VOUT (3)
–0.3 to VDD + 0.3
V
Ta
≤ 85°C
:LC7218
350
Allowable power dissipation
Pd max
:LC7218M
300
mW
:LC7218JM
200
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com