Electronic Components Datasheet Search
  English  ▼

X  

LC7218 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC7218
Description  PLL Frequency Synthesizer for Electronic Tuning in AV Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7218 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC7218 Datasheet HTML 3Page - Sanyo Semicon Device LC7218 Datasheet HTML 4Page - Sanyo Semicon Device LC7218 Datasheet HTML 5Page - Sanyo Semicon Device LC7218 Datasheet HTML 6Page - Sanyo Semicon Device LC7218 Datasheet HTML 7Page - Sanyo Semicon Device LC7218 Datasheet HTML 8Page - Sanyo Semicon Device LC7218 Datasheet HTML 9Page - Sanyo Semicon Device LC7218 Datasheet HTML 10Page - Sanyo Semicon Device LC7218 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Continued from preceding page.
Note: *1. Since the output port states are undefined when power is first applied, transfer the control data quickly.
*2. The high and low level input voltages for the CE, CL, DI, IN0 and IN1 pins are VIH = 2.2 to 6.5 V and VIL = 0 to 0.7 V, regardless of the power
supply voltage VDD.
Control Data Format (serial input data)
No. 4758-7/16
LC7218, 7218M, 7218JM
Pin No.
Symbol
I/O
Type
Function
9
10
11
12
13
14
17
7
8
16
15
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
IN0
IN1
HCTR
LCTR
Output*1
Input*2
Input
Input
Output port
Input port
General-purpose
counter
Frequency
measurement signal
input pin
General-purpose
counter
Frequency or period
measurement signal
input pin
• These pins latch bits O0 to O6 in the serial data transferred from the controller, invert
that data and output the inverted data in parallel.
• The OUT0 pin can also be used to output an 8 Hz clock time base signal.
(When TB is 1.)
• OUT1 and OUT2 are complementary outputs.
• OUT0, OUT3, OUT4, OUT5 and OUT6 are N-channel open drain outputs that can
handle up to 13 V.
• The values of the IN0 and IN1 input ports can be converted from parallel to serial and
output from the DO output pin.
• HCTR is selected when SC in the serial input data is set to 1.
• Input frequency range: 10 to 60 MHz (70 mVrms minimum)
• The signal is supplied to a general-purpose 20-bit binary counter after passing through a
divide-by-eight circuit. Therefore, the value of the counter is 1/8 of the frequency actually
input to HCTR.
• When HCTR is selected the LC7218 will function in frequency measurement mode
and the measurement period can be selected to be either 60 or 120 ms. (GT = 0: 60 ms,
1: 120 ms)
• The result of the measurement (the value of the general-purpose counter) can be output
MSB first from the DO output pin.
• LCTR is selected when SC in the serial input data is set to 0.
• When SF in the serial input data is set to 1:
— Frequency measurement mode is selected.
— Input frequency range: 15 to 500 kHz (70 mVrms minimum).
— The signal is supplied directly to the general-purpose counter without passing
through the internal divide-by-eight circuit.
— The measurement period is the same as for HCTR.
• When SF in the serial input data is set to 0:
— Period measurement mode is selected.
— Input frequency range: 1 Hz to 20 kHz (VIH = 0.7 VDD minimum, VIL = 0.3·VDD
maximum)
— The measurement can be selected to be for one or two cycles. If two cycle
measurement is selected the input frequency range becomes 2 Hz to 20 kHz.
(GT = 0: one cycle, 1: two cycles)
• Measurement results are output in the same manner as HCTR measurement results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com