Electronic Components Datasheet Search
  English  ▼

X  

LC7218 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7218
Description  PLL Frequency Synthesizer for Electronic Tuning in AV Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7218 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7218 Datasheet HTML 1Page - Sanyo Semicon Device LC7218 Datasheet HTML 2Page - Sanyo Semicon Device LC7218 Datasheet HTML 3Page - Sanyo Semicon Device LC7218 Datasheet HTML 4Page - Sanyo Semicon Device LC7218 Datasheet HTML 5Page - Sanyo Semicon Device LC7218 Datasheet HTML 6Page - Sanyo Semicon Device LC7218 Datasheet HTML 7Page - Sanyo Semicon Device LC7218 Datasheet HTML 8Page - Sanyo Semicon Device LC7218 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics for the Allowable Operating Ranges
Note: A capacitor of at least 2000 pF must be inserted between the power supply VDD and VSS potentials.
No. 4758-5/16
LC7218, 7218M, 7218JM
Parameter
Symbol
Conditions
min
typ
max
Unit
Rf (1)
XIN
1.0
M
Ω
Rf (2)
FMIN
500
k
Ω
Internal feedback resistance
Rf (3)
AMIN
500
k
Ω
Rf (4)
HCTR
500
k
Ω
Rf (5)
LCTR
500
k
Ω
Hysteresis
VH
LCTR
0.1 VDD
0.6 VDD
V
IIH (1)
CE, CL, DI: VI = 6.5 V
5.0
µA
IIH (2)
IN0, IN1: VI = VDD
5.0
µA
Input high level current
IIH (3)
XIN: VI = VDD
20
µA
IIH (4)
FMIN, AMIN: VI = VDD
40
µA
IIH (5)
HCTR, LCTR: VI = VDD
40
µA
IIL (1)
CE, CL, DI: VI = VSS
5.0
µA
IIL (2)
IN0, IN1: VI = VSS
5.0
µA
Input low level current
IIL (3)
XIN: VI = VSS
20
µA
IIL (4)
FMIN, AMIN: VI = VSS
40
µA
IIL (5)
HCTR, LCTR: VI = VSS
40
µA
Output high level voltage
VOH (1)
OUT1, OUT2: IO = –1 mA
VDD – 1.0
V
VOH (2)
PD1, PD2: IO = –0.5 mA
VDD – 1.0
V
VOL (1)
OUT1, OUT2: IO = 1 mA
1.0
V
VOL (2)
PD1, PD2: IO = 0.5 mA
1.0
V
Output low level voltage
VOL (3)
OUT3 to OUT6: IO = 5 mA
1.0
V
VOL (4)
OUT0: IO = 1 mA
1.0
V
VOL (5)
DO: IO = 5 mA
1.0
V
VOL (6)
SYC: IO = 0.5 mA (VDD = 3.5 to 6.5 V)
1.0
V
IOFF (1)
OUT3 to OUT6, OUT0: VO = 13 V
5.0
µA
Output off leakage current
IOFF (2)
DO: VO = 6.5 V
5.0
µA
IOFF (3)
SYC: VO = 6.5 V (VDD = 3.5 to 6.5 V)
5.0
µA
Three-state high level
IOFFH
PD1, PD2: VO = VDD
0.01
10.0
nA
off leakage current
Three-state low level
IOFFL
PD1, PD2: VO = VSS
0.01
10.0
nA
off leakage current
Input capacitance
CIN
FMIN, HCTR
1
2
3
pF
VDD: fIN (2) = 130 MHz, VIN (2) = 70 mVrms,
IDD (1)
with a 7.2 MHz crystal, other input pins at VSS,
20
30
mA
Current drain
output pins open
VDD: PLL block stopped (PLL inhibit state), crystal
IDD (2)
oscillator operating (SYC, TB), with a 7.2 MHz crystal,
1.0
mA
other input pins at VSS, output pins open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com