Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1322 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXLD1322 Datasheet HTML 3Page - Diodes Incorporated ZXLD1322 Datasheet HTML 4Page - Diodes Incorporated ZXLD1322 Datasheet HTML 5Page - Diodes Incorporated ZXLD1322 Datasheet HTML 6Page - Diodes Incorporated ZXLD1322 Datasheet HTML 7Page - Diodes Incorporated ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated ZXLD1322 Datasheet HTML 10Page - Diodes Incorporated ZXLD1322 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
7 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
LED Thermal Control Circuit (TADJ) Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VTADJH
Upper threshold voltage
Onset of output current reduction
(VTADJ falling)
75
mV
VTADJL
Lower threshold voltage
Output current reduced to
<10% of set value (VTADJ falling)
50
mV
Gm(TADJ)
Trans conductance
ΔIOUT/ΔVTADJ
4
mA/V
Output Current Regulation Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IOUT
Minimum output/ LED current
VIN > 3V
0.75
A
ΔIOUT
Output current accuracy
(g)
3.0V < VIN < 15V, IOUT = 700mA,
VADJ = 100mV,
-5
+5
%
TCO
I(OUT)
Output current temperature drift
3.0V < VIN < 15V, Iout = 700mA,
VADJ = 100mV
100
200
ppm/K
ΔIOUT/
IOUT
Load Current Regulation
350mA < I(LED) < 700mA
2
%/A
ΔIOUT/
ΔVIN
Line Voltage Regulation of output
current
0.5
%/V
Eff
Efficiency
(f)
350mA < I(LED) < 700mA
85
%
Notes:
(f) System parameter only. This value is dependent upon external components and circuit configuration.
(g) This refers to the accuracy of output current regulation under normal operation when the feedback loop incorporating the current monitor is active.
The tolerances of external components are not included in this figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com