Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1322 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXLD1322 Datasheet HTML 7Page - Diodes Incorporated ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated ZXLD1322 Datasheet HTML 10Page - Diodes Incorporated ZXLD1322 Datasheet HTML 11Page - Diodes Incorporated ZXLD1322 Datasheet HTML 12Page - Diodes Incorporated ZXLD1322 Datasheet HTML 13Page - Diodes Incorporated ZXLD1322 Datasheet HTML 14Page - Diodes Incorporated ZXLD1322 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
11 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PWM Control
A wider dimming range can be achieved by applying a PWM control signal to the ADJ pin to turn the device on and off,
giving an average output current proportional to the duty cycle of the control signal. The ADJ pin can be driven directly from
the open drain NMOS output of a microcontroller, or indirectly with a low saturation voltage NPN transistor such as the Zetex
ZXTN25015DFL. (Fig 2).
Fig. 2
In the circuit of Fig 4, the average LED output current will be:
ILED (AVG) = ILED(NOM) *D
Where duty cycle
A PWM frequency of 200Hz, or lower is recommended, to minimize errors due to the rise and fall
times of the converter output.
Thermal Compensation of LED Current
High-luminance LEDs often need to be supplied with a temperature compensated current in order to maintain stable and
reliable operation at high temperatures. This is usually achieved by reducing the LED current proportionally from its nominal
set value when the LED temperature rises above a predefined threshold. (Fig.3)
Fig. 3
The 'Thermal compensation current' generator inside the ZXLD1322 provides the necessary thermal compensation current
to meet this requirement, using an NTC thermistor and resistor. (Fig 4)
Fig. 4
ZXTN25015DFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com