Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1322 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated ZXLD1322 Datasheet HTML 10Page - Diodes Incorporated ZXLD1322 Datasheet HTML 11Page - Diodes Incorporated ZXLD1322 Datasheet HTML 12Page - Diodes Incorporated ZXLD1322 Datasheet HTML 13Page - Diodes Incorporated ZXLD1322 Datasheet HTML 14Page - Diodes Incorporated ZXLD1322 Datasheet HTML 15Page - Diodes Incorporated ZXLD1322 Datasheet HTML 16Page - Diodes Incorporated ZXLD1322 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
14 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
the ON phase, the current can still be established when the supply is less than the LED forward drop. Hence this circuit will
work at supply voltages above and below the forward LED drop.
This mode is useful for example when using 3 cells and a white LED, where the voltage of 3 fully charged alkaline cells is
more than the LED forward drop, but the voltage of 3 partly discharged rechargeable NiCd cells is less than the LED forward
drop.
The LED current is sensed by R3 and the controller varies this until the drop in R3 equals 20% of VADJ. Hence making
R3 = 100m
Ω and VADJ = 500mV gives a LED current of 1 Amp because the 500mV VADJ results in 100mV across R3 which
equals 1 Amp. Making VADJ = 10mV gives a LED current of 100mA because the 50mV VADJ results in 10mV drop across R3
which equals 100mA.
The power is controlled by the chip backing off the peak coil current, so it is necessary to calculate the coil inductance and
current to guarantee slightly more than 100% LED power, so the circuit can control it effectively. The internal control loop is
compensated by C1, which is normally 10nF.
If the thermistor (R5) is used, the power will be backed off progressively as the TADJ pin goes low. With the TADJ pin above
75mV, power is 100% and this is reduced to zero when the TADJ pin reaches 50mV. Making R4 = 5kΩ and using a
103KT1608 thermistor, the thermistor will reach 869
Ω at 105°C giving VTADJ = 74mV which will start to reduce the LED
power above 105°C. By 125°C the thermistor will reach 547
Ω giving VTADJ = 50mV which gives zero power. This will protect
the LED from damage. These temperature values can be set by the customer by using a different thermistor or a different
value of R4. If protection is not required, leaving the TADJ pin open circuit will make it float to a high voltage and always give
100% power.
Bill of materials
Reference
Part No
Value
Manufacturer
Contact Details
U1
ZXLD1322
LED Driver
Zetex
www.zetex.com
D1
ZHCS2000
Schottky diode
Zetex
L1
MSS7341-103ML
10µH 2A
Coilcraft
www.coilcraft.com
L1
NPIS64D100MTRF
10µH 2A
NIC
www.niccomp
L1
744 777910
10µH 2A
Wurth
www.wurth.co.uk
C1
Generic
10nF 10V
Generic 0603
C2
GRM31CR71H475K
4.7µF 50V
Murata 1206
www.murata.com
C3
GRM31MR71E225K
2.2µF 25V
Murata 1206
www.murata.com
R1
Generic
25m
Ω
Generic 0805
R2
Generic
1.5k
Ω
Generic 0603
R3
Generic
100m
Ω
Generic 0805
R4
Generic
5.1k
Ω
Generic 0603
R5
Thermistor NTC
10k
103kt1608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com