Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1322 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated ZXLD1322 Datasheet HTML 10Page - Diodes Incorporated ZXLD1322 Datasheet HTML 11Page - Diodes Incorporated ZXLD1322 Datasheet HTML 12Page - Diodes Incorporated ZXLD1322 Datasheet HTML 13Page - Diodes Incorporated ZXLD1322 Datasheet HTML 14Page - Diodes Incorporated ZXLD1322 Datasheet HTML 15Page - Diodes Incorporated ZXLD1322 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
12 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
The TADJ pin of the device has a voltage threshold of 75mV nominal, which is derived from the reference voltage VREF. If
the voltage (VTADJ) on the TADJ pin is held above the threshold, the thermal compensation current will be zero and no
thermal compensation is applied. However, if VTADJ falls below the threshold, a thermal compensation current (ITC) is
produced that is proportional to VTADJ. ITC is injected into the control loop in such a way as to reduce the demand current
IADJ, causing the control loop to decrease the LED current. The LED current will be reduced to less than 10% of the set
value when VTADJ falls below 50mV.
The threshold voltage has been chosen to set a nominal threshold of 105°C and the device has been optimized to operate
with a standard 103KT1608 thermistor and 5k resistor in the potential divider. Circuit details are given in the application
notes. Alternative thermistor/resistor networks can be used providing the input resistance presented to the device at the
TADJ pin is similar at the threshold temperature. If no LED thermal compensation is required, the TADJ pin should be
connected to VREF to disable this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com