Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1350 Datasheet HTML 1Page - Diodes Incorporated ZXLD1350 Datasheet HTML 2Page - Diodes Incorporated ZXLD1350 Datasheet HTML 3Page - Diodes Incorporated ZXLD1350 Datasheet HTML 4Page - Diodes Incorporated ZXLD1350 Datasheet HTML 5Page - Diodes Incorporated ZXLD1350 Datasheet HTML 6Page - Diodes Incorporated ZXLD1350 Datasheet HTML 7Page - Diodes Incorporated ZXLD1350 Datasheet HTML 8Page - Diodes Incorporated ZXLD1350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ZXLD1350
ZXLD1350
Document number: DS33468 Rev. 7 - 2
1 of 22
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
30V 350mA LED DRIVER with AEC-Q100
Description
The ZXLD1350 is a continous mode inductive step-down
converter with integrated switch and high side current sense.
It operates from an input supply from 7V to 30V driving single
or multiple series connected LEDs effeciently external
adjustable output current up to 350mA.
The ZXLD1350 has been qualified to AECQ100.2 allowing it
to operate at ambient temperatures from -40 to 105°C.
The output current can be adjusted by applying a DC voltage
or a PWM waveform. 100:1 adjustment of output current is
possible using PWM control. Applying a voltage of 0.2V or
lower to the ADJ pin turns the output off and switches the
device into a low current standby state.
Pin Assignments
Features
•
Simple low parts count
•
Internal 30V NDMOS switch
•
Internal PWM filter
•
High efficiency (up to 95%
(*))
•
Wide input voltage range: 7V to 30V
•
40V transient capability
•
Up to 1MHz switching frequency
•
Typical 4% output current accuracy
•
Qualified to AEC-Q100.2
Typical Application Circuit
ZXLD1350
LED
Cled
L1
LX
I
SENSE
D1
R
S
V
IN
V
IN
*Using standard external components as specified under electrical characteristics. Efficiency is dependent upon the number of
LEDs driven and on external component types and values.
I
SENSE
V
IN
ADJ
GND
LX
TSOT23-5
Top View


Similar Part No. - ZXLD1350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1350 ZETEX-ZXLD1350 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
454Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev. 8 - 2 March 2011
logo
Zetex Semiconductors
ZXLD1350ET5TA ZETEX-ZXLD1350ET5TA Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350ET5TA DIODES-ZXLD1350ET5TA Datasheet
454Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev. 8 - 2 March 2011
More results

Similar Description - ZXLD1350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1362 DIODES-ZXLD1362_12 Datasheet
365Kb / 24P
60V 1A LED DREIVER WITH AEC-Q100
Rev 5
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com