Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 11Page - Diodes Incorporated ZXLD1350 Datasheet HTML 12Page - Diodes Incorporated ZXLD1350 Datasheet HTML 13Page - Diodes Incorporated ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated ZXLD1350 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ZXLD1350
ZXLD1350
Document number: DS33468 Rev. 7 - 2
15 of 22
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
High frequency PWM mode
At PWM frequencies above 10kHz and for duty cycles above 0.16, the output of the internal low pass filter will contain a
DC component that is always above the shutdown threshold. This will maintain continuous device operation and the nominal
average output current will be proportional to the average voltage at the output of the filter, which is directly proportional to the
duty cycle. (See Figure 3 – High frequency PWM operating waveforms). For best results, the PWM frequency should be
maintained above the minimum specified value of 10kHz, in order to minimize ripple at the output of the filter. The shutdown
comparator has approximately 50mV of hysteresis, to minimize erratic switching due to this ripple. An upper PWM frequency
limit of approximately one tenth of the operating frequency is recommended, to avoid excessive output modulation and to avoid
injecting excessive noise into the internal reference.
Figure 3. High Frequency PWM operating waveforms
The nominal average value of output current in this mode is given by:
IOUTnom »0.1DPWM/RS for DPWM >0.16
This mode will give minimum output ripple and reduced radiated emission, but with a reduced dimming range (approx.5:1). The
restricted dimming range is a result of the device being turned off when the DC component on the filter output falls below
200mV.
Shutdown mode
Taking the ADJ pin to a voltage below 0.2V for more than approximately 100
μs, will turn off the output and supply current will
fall to a low standby level of 15
μA nominal.
Note that the ADJ pin is not a logic input. Taking the ADJ pin to a voltage above VREF will increase output current above the
100% nominal average value. (See graphs for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com