Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated ZXLD1350 Datasheet HTML 19Page - Diodes Incorporated ZXLD1350 Datasheet HTML 20Page - Diodes Incorporated ZXLD1350 Datasheet HTML 21Page - Diodes Incorporated ZXLD1350 Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ZXLD1350
ZXLD1350
Document number: DS33468 Rev. 7 - 2
20 of 22
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Thermal compensation of output current
High luminance LEDs often need to be supplied with a temperature compensated current in order to maintain stable and
reliable operation at all drive levels. The LEDs are usually mounted remotely from the device, so for this reason, the
temperature coefficients of the internal circuits for the ZXLD1350 have been optimized to minimize the change in output
current when no compensation is employed. If output current compensation is required, it is possible to use an external
temperature sensing network - normally using Negative Temperature Coefficient (NTC) thermistors and/or diodes, mounted
very close to the LED(s). The output of the sensing network can be used to drive the ADJ pin in order to reduce output current
with increasing temperature.
Layout considerations
LX pin
The LX pin of the device is a fast switching node, so PCB tracks should be kept as short as possible. To minimize ground
'bounce', the ground pin of the device should be soldered directly to the ground plane.
Coil and decoupling capacitors
It is particularly important to mount the coil and the input decoupling capacitor close to the device to minimize parasitic
resistance and inductance, which will degrade efficiency. It is also important to take account of any track resistance in series
with current sense resistor RS.
ADJ pin
The ADJ pin is a high impedance input, so when left floating, PCB tracks to this pin should be as short as possible to reduce
noise pickup. A 100nF capacitor from the ADJ pin to ground will reduce frequency modulation of the output under these
conditions. An additional series 10k
Ω resistor can also be used when driving the ADJ pin from an external circuit (see below).
This resistor will provide filtering for low frequency noise and provide protection against high voltage transients.
ZXLD1350
GND
ADJ
100nF
GND
10k
High voltage tracks
Avoid running any high voltage tracks close to the ADJ pin, to reduce the risk of leakage due to board contamination. Any such
leakage may raise the ADJ pin voltage and cause excessive output current. A ground ring placed around the ADJ pin will
minimize changes in output current under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com