Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 13Page - Diodes Incorporated ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated ZXLD1350 Datasheet HTML 19Page - Diodes Incorporated ZXLD1350 Datasheet HTML 20Page - Diodes Incorporated ZXLD1350 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ZXLD1350
ZXLD1350
Document number: DS33468 Rev. 7 - 2
17 of 22
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Inductor Selection
Recommended inductor values for the ZXLD1350 are in the range 47mH to 220mH.
Higher values of inductance are recommended at higher supply voltages in order to minimize errors due to switching delays,
which result in increased ripple and lower efficiency. Higher values of inductance also result in a smaller change in output
current over the supply voltage range. (See graphs). The inductor should be mounted as close to the device as possible with
low resistance connections to the LX and VIN pins.
The chosen coil should have a saturation current higher than the peak output current and a continuous
current rating above the required mean output current.
Suitable coils for use with the ZXLD1350 are listed in the table below:
Part No.
L
(mH)
DCR
(V)
ISAT
(A)
Manufacturer
DO1608C
47
0.64
0.5
CoilCraft
MSS6132ML
47
0.38
0.56
68
0.58
0.47
100
0.82
0.39
CD104-MC
220
0.55
0.53
Sumida
NP04SB470M
47
0.27
0.38
Taiyo Yuden
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times within the specified limits over
the supply voltage and load current range.
The following equations can be used as a guide, with reference to Figure 1 - Operating waveforms.
LX Switch 'On' time
Note: TONnmin > 200ns
LX Switch 'Off' time
TOFF
L
ΔI
VLED VD Iav g RS rL
+
()
++
-----------------------------------------------------------------------
=
Note: TOFFmin > 200ns
Where:
L is the coil inductance (H)
rL is the coil resistance (V)
Iavg is the required LED current (A)
DI is the coil peak-peak ripple current (A) {Internally set to 0.3 x Iavg}
VIN is the supply voltage (V)
VLED is the total LED forward voltage (V)
RLX is the switch resistance (V)
VD is the diode forward voltage at the required load current (V)
T
ON
L
ΔI
VIN VLED
–
Iav g RS rL RLX
++
()
–
----------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com