Electronic Components Datasheet Search
  English  ▼

X  

LC72321 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72321
Description  Single-Chip Microcontroller with PLL and LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72321 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72321 Datasheet HTML 5Page - Sanyo Semicon Device LC72321 Datasheet HTML 6Page - Sanyo Semicon Device LC72321 Datasheet HTML 7Page - Sanyo Semicon Device LC72321 Datasheet HTML 8Page - Sanyo Semicon Device LC72321 Datasheet HTML 9Page - Sanyo Semicon Device LC72321 Datasheet HTML 10Page - Sanyo Semicon Device LC72321 Datasheet HTML 11Page - Sanyo Semicon Device LC72321 Datasheet HTML 12Page - Sanyo Semicon Device LC72321 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
No. 4796-9/13
LC72321
Continued from preceding page.
Pin
Pin No.
Function
I/O
I/O circuit type
HCTR
LCTR
ADI
INT
EO1
EO2
SNS
HOLD
RES
XIN
XOUT
TEST1
TEST2
VDD
VSS
70
71
69
66
77
78
72
67
68
1
80
2
79
31, 73
76
Universal counter input
The input should be capacitor-coupled.
The input frequency range is from 0.4 to 12 MHz.
This input can be effectively used for FM IF or AM IF counting.
Universal counter input
The input should be capacitor-coupled for input frequencies in
the range 100 to 150 kHz.
Capacitor coupling is not required for input frequencies from
1 Hz to 20 kHz.
This input can be effectively used for AM IF counting.
This pin can also be used as a normal input port.
A/D converter input
A 1.28 ms period is required for a 6-bit sequential comparison
conversion. The full scale input is ((63/96) · VDD) for a data
value of 3FH.
External interrupt request input
An interrupt is generated when the INTEN flag is set (by an
SS instruction) and a falling edge is input.
This pin can also be used as a normal input port.
Reference frequency and programmable divisor phase
comparison error outputs
Charge pump circuits are built in.
EO1 and EO2 are the same.
Input pin used to determine if a power outage has occurred in
BACKUP mode
This pin can also be used as a normal input port.
Input pin used to force the LC72322 to HOLD mode
The LC72322 goes to HOLD mode when the HOLDEN flag is
set (by an SS instruction) and the HOLD input goes low.
A high breakdown voltage circuit is used so that this input can
be used in conjunction with the normal power switch.
System reset input
This signal should be held low for 75 ms after power is first
applied to effect a power-up reset.
The reset starts when a low level has been input for at least
six reference clock cycles.
Crystal oscillator connections
(4.5 MHz)
A feedback resistor is built in.
LSI test pins. These pins must be connected to VSS.
Power supply
Input
Input
Input
Output
Input
Input
Input
Input
Output
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com