Electronic Components Datasheet Search
  English  ▼

X  

LC72321 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC72321
Description  Single-Chip Microcontroller with PLL and LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72321 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC72321 Datasheet HTML 5Page - Sanyo Semicon Device LC72321 Datasheet HTML 6Page - Sanyo Semicon Device LC72321 Datasheet HTML 7Page - Sanyo Semicon Device LC72321 Datasheet HTML 8Page - Sanyo Semicon Device LC72321 Datasheet HTML 9Page - Sanyo Semicon Device LC72321 Datasheet HTML 10Page - Sanyo Semicon Device LC72321 Datasheet HTML 11Page - Sanyo Semicon Device LC72321 Datasheet HTML 12Page - Sanyo Semicon Device LC72321 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
No. 4796-13/13
LC72321
This catalog provides information as of December, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Continued from preceding page.
Mnemonic
Operand
Function
Operation
Machine code
1st
2nd
D15 14 13 12 11 10 9 8
7 6 5 4
3 2 1 D0
LCD
M
I
Output segment pattern
LCD (DIGIT)
← M
1
1
1
0
0
0
DH
DL
DIGIT
to LCD digit direct
LCP
M
I
Output segment pattern
LCD (DIGIT)
← PLA ← M
1
1
1
0
0
1
DH
DL
DIGIT
to LCD digit through PLA
IN
M
P
Input port data to M
M
← (Port (P))
1
1
1
0
1
0
DH
DL
P
OUT
M
P
Output contents of M to port
(Port (P))
← M
1
1
1
0
1
1
DH
DL
P
SPB
P
N
Set port bits
(Port (P)) N
← 1
1
1
1
1
0
0
0 0
P
N
RPB
P
N
Reset port bits
(Port (P)) N
← 0
1
1
1
1
0
1
0 1
P
N
Test port bits,
if (Port (P)) N = all 1s,
TPT
P
N
then skip if all bits
then skip
1
1
1
1
1
0
1 0
P
N
specified are true
Test port bits,
if (Port (P)) N = all 0s,
TPF
P
N
then skip if all bits
then skip
1
1
1
1
1
1
1 1
P
N
specified are false
UCS
I
Set I to UCCW1
UCCW1
← I
0
0
0
0
0
0
0 1
0 0 0 0
I
UCC
I
Set I to UCCW2
UCCW2
← I
0
0
0
0
0
0
1 1
0 0 0 0
I
FPC
N
F port I/O control
FPC latch
← N
0
0
0
1
0
0
0 0
0 0 0 0
N
CKSTP
Clock stop
Stop clock if HOLD = 0
0
0
0
1
0
0
0 1
0 0 0 0
0 0 0
0
DAC
I
Load M to D/A registers
DAreg
← DAC DATA
0
0
0
0
0
0
1 0
0 0 0 0
I
SIO
I1
I2
Serial I/O control
SIOCW
← I1, I2
0
0
0
1
0
0
1 1
I1
I2
SIOL
M
I
Load SIOreg to M
M
← SIOreg
0
0
0
1
1
0
DH
DL
I
SIOS
M
I
Store M to SIOreg
SIOreg
← M
0
0
0
1
0
1
DH
DL
I
BEEP
I
Beep control
BEEPreg
← I
0
0
0
1
0
0
1 0
0 0 0 0
I
NOP
No operation
0
0
0
0
0
0
0 0
0 0 0 0
0 0 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com