Electronic Components Datasheet Search
  English  ▼

X  

LC72321 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72321
Description  Single-Chip Microcontroller with PLL and LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72321 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72321 Datasheet HTML 1Page - Sanyo Semicon Device LC72321 Datasheet HTML 2Page - Sanyo Semicon Device LC72321 Datasheet HTML 3Page - Sanyo Semicon Device LC72321 Datasheet HTML 4Page - Sanyo Semicon Device LC72321 Datasheet HTML 5Page - Sanyo Semicon Device LC72321 Datasheet HTML 6Page - Sanyo Semicon Device LC72321 Datasheet HTML 7Page - Sanyo Semicon Device LC72321 Datasheet HTML 8Page - Sanyo Semicon Device LC72321 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
No. 4796-4/13
LC72321
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: * Reference value
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +6.5
V
Input voltage
VIN1
HOLD, INT, RES, SNS, and the G port
–0.3 to +13
V
VIN2
Inputs other than VIN1
–0.3 to VDD + 0.3
V
Output voltage
VOUT1
H port
–0.3 to +15
V
VOUT2
Outputs other than VOUT1
–0.3 to VDD + 0.3
V
IOUT1
All D and H port pins
0 to 5
mA
Output current
IOUT2
All E and F port pins
0 to 3
mA
IOUT3
All B and C port pins
0 to 1
mA
IOUT4
S1 to S28 and all I port pins
0 to 1
mA
Allowable power dissipation
Pd max
Ta = –40 to +85°C
300*
mW
Operating temperature range
Topg
–40 to +85
°C
Storage temperature range
Tstg
–45 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD1
CPU and PLL operating
4.5
5.5
V
Supply voltage
VDD2
CPU operating
3.5
5.5
V
VDD3
Memory retention voltage
1.3
5.5
V
VIH1
G port
0.7 VDD
8.0
V
VIH2
RES, INT, HOLD
0.8 VDD
8.0
V
Input high level voltage
VIH3
SNS
2.5
8.0
V
VIH4
A port
0.6 VDD
VDD
V
VIH5
PE0, PE2, F port
0.7 VDD
VDD
V
VIH6
LCTR (period measurement),
0.8 VDD
VDD
V
VDD1, PE1, PE3
VIL1
G port
0
0.3 VDD
V
VIL2
RES, INT, PE1, PE3
0
0.2 VDD
V
VIL3
SNS
0
1.3
V
Input low level voltage
VIL4
A port
0
0.2 VDD
V
VIL5
PE0, PE2, F port
0
0.3 VDD
V
VIL6
LCTR (period measurement), VDD1
0
0.2 VDD
V
VIL7
HOLD
0
0.4 VDD
V
fIN1
XIN
4.0
4.5
5.0
MHz
fIN2
FMIN, VIN2, VDD1
10
130
MHz
fIN3
FMIN, VIN3, VDD1
10
150
MHz
Input frequency
fIN4
AMIN (L), VIN4, VDD1
0.5
10
MHz
fIN5
AMIN (H), VIN5, VDD1
2.0
40
MHz
fIN6
HCTR, VIN6, VDD1
0.4
12
MHz
fIN7
LCTR (frequency), VIN7, VDD1
100
500
kHz
fIN8
LCTR (period), VIH6, VIL6, VDD1
1
20
× 103
Hz
VIN1
XIN
0.50
1.5
Vrms
VIN2
FMIN
0.10
1.5
Vrms
Input amplitude
VIN3
FMIN
0.15
1.5
Vrms
VIN4, 5
AMIN
0.10
1.5
Vrms
VIN6, 7
LCTR, HCTR
0.10
1.5
Vrms
Input voltage range
VIN8
ADI
0
VDD
V
Allowable Operating Ranges at Ta = –40 to +85°C, VDD = 3.5 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com