| Electronic Components Datasheet Search |
|
LTM8042 Datasheet(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM8042 Datasheet(HTML) 18 Page - Linear Technology |
|
18 / 32 page ![]() LTM8042/LTM8042-1 18 80421fa APPLICATIONS INFORMATION PCB Layout Most of the headaches associated with PCB layout have been alleviated or even eliminated by the high level of integration of the LTM8042/LTM8042-1. The device is nevertheless a switching power supply, and care must be taken to minimize EMI and ensure proper operation. Even with the high level of integration, you may fail to achieve specified operation with a haphazard or poor layout. See Figures 2, 3 and 4 for suggested layouts of boost, buck and buck-boost operating modes. Ensure that the grounding and heat sinking are acceptable. A few rules to keep in mind are: 1. Place the RT resistor as close as possible to its re- spective pins. 2. Place the CIN and CVCC capacitor as close as possible to the VIN and GND connections of the LTM8042/ LTM8042-1. 3. Place the COUT capacitor as close as possible to the BSTOUT/BKIN or BSTIN/BKLED– and GND connection of the LTM8042/LTM8042-1. BSTOUT/BKIN BSTIN/BKLED– LED+ LED+ GND VIN RT TGEN 80421 F02 TG TO LED STRING CTL VCC CVCC CIN COUT THERMAL VIAS TO GROUND PLANE GND GND Figure 2. Suggested Layout for Boost Operation 4. Place the CIN, CVCC and COUT capacitors such that their ground current flows directly adjacent to or underneath the LTM8042/LTM8042-1. 5. Connect all of the GND connections to as large a copper pour or plane area as possible on the top layer. Avoid breaking the ground connection between the external components and the LTM8042/LTM8042-1. Use vias to connect the GND copper area to the board’s internal ground planes. Liberally distribute these GND vias to provide both a good ground connection and thermal path to the internal planes of the printed circuit board. Pay attention to the location and density of the thermal vias in Figures 2 through 4. The LTM8042/LTM8042-1 can benefit from the heat sinking afforded by vias that connect to internal GND planes at these locations, due to their proximity to internal power handling components. The optimum number of thermal vias depends upon the printed circuit board design. For example, a board might use very small via holes. It should employ more thermal vias than a board that uses larger holes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |