Electronic Components Datasheet Search
  English  ▼

X  

LTM8042 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8042
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8042 Datasheet HTML 2Page - Linear Technology LTM8042 Datasheet HTML 3Page - Linear Technology LTM8042 Datasheet HTML 4Page - Linear Technology LTM8042 Datasheet HTML 5Page - Linear Technology LTM8042 Datasheet HTML 6Page - Linear Technology LTM8042 Datasheet HTML 7Page - Linear Technology LTM8042 Datasheet HTML 8Page - Linear Technology LTM8042 Datasheet HTML 9Page - Linear Technology LTM8042 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM8042/LTM8042-1
6
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
LED Current vs CTL Voltage
Quiescent Current
vs Input Voltage, Open LED
Junction Temperature Rise
vs Load, Boost Operation,
8.3V at 1A LED String
Maximum LED Current
vs VIN, Buck Mode
Maximum LED Current vs Input
Voltage, Buck-Boost Mode
Junction Temperature Rise
vs Load, Boost Operation,
18.1V at 1A LED String
Junction Temperature Rise
vs Load, Boost Operation,
13.6V at 1A LED String
Junction Temperature Rise
vs Load, Boost Operation,
10.9V at 1A LED String
VIN (N)
0
0
20
15
1000
80421 G18
10
525
30
900
200
100
800
400
600
300
500
700
3.8V AT 1A
7.4V AT 1A
10.9V AT 1A
14.5V AT 1A
18.1V AT 1A
21.4V AT 1A
24.8V AT 1A
INPUT VOLTAGE (V)
0
0
20
1200
80421 G19
10
30
40
1000
200
800
400
600
7.4V AT 1A
10.9V AT 1A
14.5V AT 1A
18.1V AT 1A
21.4V AT 1A
24.8V AT 1A
28.2V AT 1A
ADJUST VOLTAGE (mV)
0
0
800
600
100
80421 G20
400
200
1000
1200
20
80
40
60
INPUT VOLTAGE (V)
0
0
20
15
40
80421 G21
10
525
30
5
30
10
20
35
15
25
LED CURRENT (mA)
0
0
600
400
25
80421 G22
200
800
1000
20
15
5
10
5VIN
LED CURRENT (mA)
0
0
600
400
20
80421 G23
200
800
1000
14
12
18
16
8
6
4
2
10
7VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G24
200
800
1000
20
15
5
10
8VIN
LED CURRENT (mA)
0
0
600
400
35
80421 G25
200
800
1000
20
15
30
25
5
10
9VIN
TA = 25°C, unless otherwise noted.
LTM8042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com