Electronic Components Datasheet Search
  English  ▼

X  

LTM8042 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8042
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042 Datasheet(HTML) 3 Page - Linear Technology

  LTM8042 Datasheet HTML 1Page - Linear Technology LTM8042 Datasheet HTML 2Page - Linear Technology LTM8042 Datasheet HTML 3Page - Linear Technology LTM8042 Datasheet HTML 4Page - Linear Technology LTM8042 Datasheet HTML 5Page - Linear Technology LTM8042 Datasheet HTML 6Page - Linear Technology LTM8042 Datasheet HTML 7Page - Linear Technology LTM8042 Datasheet HTML 8Page - Linear Technology LTM8042 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM8042/LTM8042-1
3
80421fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum voltage at VCC, RUN, PWM, TGEN, BSTIN/
BKLED– pins is 40V for non-repetitive one second transients and 30V for
continuous operation.
Note 3: The LTM8042E/LTM8042E-1 are guaranteed to meet performance
specifications from 0°C to 125°C ambient. Specifications over the full
–40°C to 125°C internal operating temperature range are assured by
design, characterization and correlation with statistical process controls.
The
l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, buck mode with 4Ω load.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC(MIN)
Minimum Input DC Voltage
l
3V
ILED
LTM8042 LED Current
LTM8042-1 LED Current
CTL Open
CTL Open, RCTL = 6.81k
RCTL = 6.81k
0.9
0.45
0.34
0.17
0.5
1.05
0.55
0.39
0.20
A
A
A
A
VCLAMP
Open LED Clamp Voltage
Boost Mode, LED+ Open
36
V
ΔIOUT/IOUT
Output Current Line Regulation
LTM8042, 6V < BSTOUT/BKIN < 30V
LTM8042-1, 6V < BSTOUT/BKIN < 30V
0.5
0.5
%
%
IQVCC
VCC Supply Current
PWM = 0V
RUN = 0V
4.2
0.1
1
mA
μA
fSW
Switching Frequency
RT = 90.9k
RT = 22.1k
RT = 6.04k
0.22
0.68
1.7
0.25
0.8
2
0.27
0.92
2.3
MHz
MHz
MHz
ISS
Soft-Start Pin Current
SS = 0.5V, Out of Pin
6
9
12
μA
fSYNC
Synchronization Frequency Range
0.3
2.5
MHz
ISYNC
SYNC Pull-Down Current (Into the Pin)
VSYNC = 2V
60
μA
VSYNC(IL)
SYNC Input Low
0.4
V
VSYNC(IH)
SYNC Input High
1.5
V
ICTL
CTL Input Bias Current
CTL = 0V, Flows Out of Pin
100
μA
VRUN(IH)
RUN Input Voltage High
1.5
V
VRUN(IL)
RUN Input Voltage Low
0.4
V
IRUN
RUN Pin Bias Current
60
100
μA
VPWM(IH)
PWM Input Voltage High
1.5
V
VPWM(IL)
PWM Input Voltage Low
0.4
V
IPWM
PWM Pin Bias Current
60
120
μA
VTG(OH)
TG Output High Voltage
Relative to LED+, 100k from LED+ to TG
0
V
VTG(OL)
TG Output Low Voltage
Relative to LED+, 100k from LED+ to TG
–7
V
VTGEN(IH)
TGEN Input Voltage High
PWM = 0V
1.5
V
VTGEN(IL)
TGEN Input Voltage Low
0.4
V
ITGEN
TGEN Pin Bias Current
100
200
μA
The LTM8042I/LTM8042I-1 are guaranteed to meet specifications over
the full –40°C to 125°C internal operating temperature range. Note that
the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 4: This device includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum internal operating temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com