Electronic Components Datasheet Search
  English  ▼

X  

LTM8042 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8042
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042 Datasheet(HTML) 4 Page - Linear Technology

  LTM8042 Datasheet HTML 1Page - Linear Technology LTM8042 Datasheet HTML 2Page - Linear Technology LTM8042 Datasheet HTML 3Page - Linear Technology LTM8042 Datasheet HTML 4Page - Linear Technology LTM8042 Datasheet HTML 5Page - Linear Technology LTM8042 Datasheet HTML 6Page - Linear Technology LTM8042 Datasheet HTML 7Page - Linear Technology LTM8042 Datasheet HTML 8Page - Linear Technology LTM8042 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM8042/LTM8042-1
4
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN, Boost Operation,
16.7V at 1A LED String
Efficiency vs VIN, Boost Operation,
20.1V at 1A LED String
Efficiency vs VIN, Boost Operation,
23.4V at 1A LED String
Efficiency vs VIN, Boost Operation,
26.8V at 1A LED String
Efficiency vs VIN, Buck Mode,
3.5V at 1A LED String
Efficiency vs VIN, Buck Mode,
6.8V at 1A LED String
Efficiency vs VIN, Boost Operation,
6.8V at 1A LED String
Efficiency vs VIN, Boost Operation,
10.1V at 1A LED String
Efficiency vs VIN, Boost Operation,
13.4V at 1A LED String
TA = 25°C, unless otherwise noted.
LTM8042
VIN (V)
4
80
81
82
83
84
85
86
5
90
80421 G01
6
87
88
89
VIN (V)
5
80
82
84
8
7
94
80421 G02
69
10
86
88
90
92
VIN (V)
7
85
87
86
88
10
9
95
80421 G03
812
11
13
89
90
92
91
93
94
VIN (V)
8
80
14
13
94
90
92
80421 G04
12
11
10
915
16
84
82
86
88
VIN (V)
11
83
85
17
13
97
80421 G05
12
14
16
15
18
19
87
91
89
93
95
VIN (V)
12
83
15
14
97
80421 G06
13
16
19
18
17
21
20
22
91
89
93
87
85
95
VIN (V)
16
87
19
18
97
80421 G07
17
20
23
22
21
25
24
26
91
90
93
89
88
95
92
94
96
VIN (V)
4
75
18
16
89
80421 G08
14
20
10
8
612
26
24
22
30 32
28
34
77
81
85
79
83
87
VIN (V)
8
80
18
16
94
80421 G09
14
20
10 12
26
24
22
30 32
28
34
82
86
90
84
88
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com