Electronic Components Datasheet Search
  English  ▼

X  

LC72P366 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72P366
Description  On-Chip One-Time Programmable PROM Single-Chip PLL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72P366 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72P366 Datasheet HTML 1Page - Sanyo Semicon Device LC72P366 Datasheet HTML 2Page - Sanyo Semicon Device LC72P366 Datasheet HTML 3Page - Sanyo Semicon Device LC72P366 Datasheet HTML 4Page - Sanyo Semicon Device LC72P366 Datasheet HTML 5Page - Sanyo Semicon Device LC72P366 Datasheet HTML 6Page - Sanyo Semicon Device LC72P366 Datasheet HTML 7Page - Sanyo Semicon Device LC72P366 Datasheet HTML 8Page - Sanyo Semicon Device LC72P366 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Overview
The LC72P366 is a single-chip PLL-plus-controller one-
time programmable PROM microcontroller that
corresponds to the Sanyo LC72358N, LC72362N, and
LC72366. The LC72P366 has the same package and pin
assignment as the LC72358N, LC72362N, and LC72366
mask ROM versions, and provides 32 KB of on-chip
PROM, organized as 16k words by 16 bits. The
LC72P366 can prove useful in reducing the startup times
for initial production runs and for reducing the switchover
time when end-product specifications change.
Features
• 32 KB (16k words
× 16 bits) of on-chip PROM
— This is a one-time programmable 32 KB (16k-word
× 16-bit) PROM.
• Pin compatible with the mask ROM versions, i.e.
identical package and pin assignment.
Writing Sanyo ROMs
Sanyo provides a for-fee ROM writing service that
consists of writing data to the PROM in one-time
programmable PROM microcontrollers, printing,
screening, and data readout verification. Contact your
Sanyo sales representative for details.
Package Dimensions
unit: mm
3174-QFP80E
CMOS LSI
Ordering number :EN5544
N3096HA (OT) No. 5544-1/14
SANYO: QIP80E
[LC72P366]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
On-Chip One-Time Programmable PROM
Single-Chip PLL Controller
LC72P366
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC72P366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72P32 SANYO-LC72P32 Datasheet
378Kb / 16P
On-Time Programmable ROM Single-Chip PLL Plus Microcontroller
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results

Similar Description - LC72P366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72P32 SANYO-LC72P32 Datasheet
378Kb / 16P
On-Time Programmable ROM Single-Chip PLL Plus Microcontroller
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
8-Bit Single Chip Microcontroller with One-Time PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com