Electronic Components Datasheet Search
  English  ▼

X  

LC72P366 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC72P366
Description  On-Chip One-Time Programmable PROM Single-Chip PLL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72P366 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72P366 Datasheet HTML 6Page - Sanyo Semicon Device LC72P366 Datasheet HTML 7Page - Sanyo Semicon Device LC72P366 Datasheet HTML 8Page - Sanyo Semicon Device LC72P366 Datasheet HTML 9Page - Sanyo Semicon Device LC72P366 Datasheet HTML 10Page - Sanyo Semicon Device LC72P366 Datasheet HTML 11Page - Sanyo Semicon Device LC72P366 Datasheet HTML 12Page - Sanyo Semicon Device LC72P366 Datasheet HTML 13Page - Sanyo Semicon Device LC72P366 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
• Conditions required for mounting the LC72P366
1. Products programmed by the user:
Mount the LC72P366 using the following procedure
when using products shipped from Sanyo without the
PROM having been programmed.
2. Products programmed by Sanyo:
Mount the LC72P366 using the following procedure
when using products shipped from Sanyo with the
PROM programmed by Sanyo.
[Caution]
• Due to the nature of the product, it is not possible for Sanyo to fully test
one-time programmable PROM microcontrollers (i.e., products with
blank PROMs) before shipment to the customer. This means that there
will be some amount of yield reduction after programming.
No. 5544-11/14
LC72P366
Usage Procedures
• Programming the on-chip PROM
There are two methods for writing the LC72P366 on-chip PROM as follows:
— Using a general-purpose PROM programmer
A general-purpose PROM programmer can be used if a special-purpose PROM programming adapter (product
name: LC72P366 EPROM PROGRAMMER) is used. The write procedure used is the 27512 or 27C512 (with Vpp
= 12.5 V) Intel fast write method. Specify 0000H to 7FFFH as the address settings.
— Using the RE32N in-circuit emulator:
The RE32N in-circuit emulator can be used if a special-purpose PROM programming adapter (product name:
LC72P366 RE32N) is used. Use the PGOTP command as the write method.
• Special-purpose writing adapters
Since there are two special-purpose PROM programming adapters as mentioned above, the correct adapter must be
used.
General-purpose EPROM programmer adapter
: Product name LC72P366 EPROM PROGRAMMER
: Catalog no. NDK-DC-018
In-circuit emulator RE32 adapter
: Product name LC72P366 RE32N
: Catalog no. NDK-DC-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com