Electronic Components Datasheet Search
  English  ▼

X  

LC7461 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7461
Description  Infrared Remote Control Transmitter IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7461 Datasheet HTML 1Page - Sanyo Semicon Device LC7461 Datasheet HTML 2Page - Sanyo Semicon Device LC7461 Datasheet HTML 3Page - Sanyo Semicon Device LC7461 Datasheet HTML 4Page - Sanyo Semicon Device LC7461 Datasheet HTML 5Page - Sanyo Semicon Device LC7461 Datasheet HTML 6Page - Sanyo Semicon Device LC7461 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Assignment
Top view
Pin Description
Pin Name
Pin No.
Input/Output
Internal Equivalent Circuit
Pin Function
VDD,VSS
8, 12
Power supply pins VSS = GND
KO0toKO7
13 to 20
Output
Key scan timing signal output pins
KI0toKI3
1 to 4
Input
Keys return signal entry pins
OSC1
OSC2
10
11
Input/output
Input/output pins for ceramic resonator-used
oscillation
Oscillator configuration
C0 to C5
21 to 24,
5, 6
Input
Input pins for custom code setting
Capable of externally setting 6 bits of 13 bits in
all that provide a custom code
OUT
7
Output
Output pin for transmit LED drive
TEST
9
Input
LSI test pin
Normally set to high-level or brought to open
state
LC7461M
No.2119-3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com