Electronic Components Datasheet Search
  English  ▼

X  

LC7461 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC7461
Description  Infrared Remote Control Transmitter IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC7461 Datasheet HTML 1Page - Sanyo Semicon Device LC7461 Datasheet HTML 2Page - Sanyo Semicon Device LC7461 Datasheet HTML 3Page - Sanyo Semicon Device LC7461 Datasheet HTML 4Page - Sanyo Semicon Device LC7461 Datasheet HTML 5Page - Sanyo Semicon Device LC7461 Datasheet HTML 6Page - Sanyo Semicon Device LC7461 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4.
Transmit waveforms
The period of time shown below is for fOSC = 455 kHz.
Custom code
Custom code
Key data
Key data
13 bits
13 bits
8 bits
8 bits
Leader code
.
First time
.
Second time onward (Transmission is available only when key entry continues.)
.
Carrier waveform
Carrier frequency = 1/12 fOSC 7 38 kHz
LC7461M
No.2119-6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com